Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AWT6137 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part No. AWT6137
Description  HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANADIGICS [ANADIGICS, Inc]
Homepage  http://www.anadigics.com
Logo 

AWT6137 Datasheet(HTML) 2 Page - ANADIGICS, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
03/2004
AWT6137
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
VCC
RFOUT
VREF
RFIN
VMODE
GND
1
GND
10
2
3
4
5
6
9
8
7
VCC
GND
GND
GND
GND
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1V F
E
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
2V
E
D
O
M
l
o
r
t
n
o
C
e
d
o
M
3D
N
Gd
n
u
o
r
G
4F
R NI
t
u
p
n
I
F
R
5V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
6V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
7D
N
Gd
n
u
o
r
G
8F
R
T
U
O
t
u
p
t
u
O
F
R
9D
N
Gd
n
u
o
r
G
0
1D
N
Gd
n
u
o
r
G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn