Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6137 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6137
Description  HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6137 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6137 Datasheet HTML 1Page - ANADIGICS, Inc AWT6137 Datasheet HTML 2Page - ANADIGICS, Inc AWT6137 Datasheet HTML 3Page - ANADIGICS, Inc AWT6137 Datasheet HTML 4Page - ANADIGICS, Inc AWT6137 Datasheet HTML 5Page - ANADIGICS, Inc AWT6137 Datasheet HTML 6Page - ANADIGICS, Inc AWT6137 Datasheet HTML 7Page - ANADIGICS, Inc AWT6137 Datasheet HTML 8Page - ANADIGICS, Inc AWT6137 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.0
03/2004
AWT6137
Table 4: Electrical Specifications - AMPS Operation
(TC = +25 °C, VCC = +3.4 V, VREF = +2.85 V, VMODE = 0 V, POUT = +31 dBm, 50
Ω system)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G5
.
5
25
.
6
20
3B
d
n
o
it
a
ir
a
V
n
i
a
G
-5
.
05
.
1B
d
y
c
n
e
i
c
if
f
E
d
e
d
d
A
-
r
e
w
o
P
0
55
5-
%
)
q
c
I
(
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
-0
0
10
2
1A
m
t
n
e
r
r
u
C
e
c
n
e
r
e
f
e
R-
5
.
30
.
5A
mV
h
g
u
o
r
h
t
F
E
R
n
i
p
t
n
e
r
r
u
C
l
o
r
t
n
o
C
e
d
o
M-
0
1
.
0A
mV
h
g
u
o
r
h
t
E
D
O
M
V
,
n
i
p
E
D
O
M
V
0
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L-
1
<5
A
µ
V C
C
V
,
V
2
.
4
+
=
F
E
R
,
V
0
=
V
E
D
O
M
V
0
=
d
n
a
B
e
v
i
e
c
e
R
n
i
e
s
i
o
N-
4
3
1
-2
3
1
-z
H
/
m
B
dz
H
M
4
9
8
o
t
z
H
M
9
6
8
s
c
i
n
o
m
r
a
H
o
f
2
o
f
4
,
o
f
3
-
-
0
4
-
5
4
-
0
3
-
0
3
-
c
B
d
e
c
n
a
d
e
p
m
I
t
u
p
n
I-
-
1
:
2R
W
S
V
l
e
v
e
L
t
u
p
t
u
O
s
u
o
ir
u
p
S
)
s
t
u
p
t
u
o
s
u
o
ir
u
p
s
ll
a
(
--
5
6
-c
B
d
P T
U
O
<
m
B
d
1
3
+
1
:
5
<
R
W
S
V
d
a
o
l
d
n
a
b
-
n
I
1
:
0
1
<
R
W
S
V
d
a
o
l
d
n
a
b
-
f
o
-
t
u
O
o
n
h
ti
w
s
s
e
r
t
s
h
c
t
a
m
s
i
m
d
a
o
L
e
r
u
li
a
f
r
o
n
o
it
a
d
a
r
g
e
d
t
n
e
n
a
m
r
e
p
1
:
8-
-
R
W
S
V
V C
C
V
0
.
5
+
=
P NI
m
B
d
5
+
=
g
n
it
a
r
e
p
o
ll
u
f
r
e
v
o
s
e
il
p
p
A
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t


Similar Part No. - AWT6137

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6131M7P8 ANADIGICS-AWT6131M7P8 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6132RM5P8 ANADIGICS-AWT6132RM5P8 Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
More results

Similar Description - AWT6137

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
   Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com