Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2128A-D21B Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC2128A-D21B
Description  REMOTE FAN CONTROL IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A-D21B Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC2128A-D21B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC2128A-D21B Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
VDD
COM
LED3
LED2
LED1
VSS
-5V
Tb0
Tb1
Tb2
Tb3
Sleep
Rhythm
SC2128A
LO
MI
ST
SO1
SO2
LIT
SC2128A
low
middle
strong
Swing 1
Swing 2
light
* Four LEDs (Tb0, Tb1, Tb2, Tb3) are used to indicate the off-timer period. Depending on the base timer step
option, timer step may be 0.5 hour or 1 hour as indicated in the diagram.
If SC2128A is selected with 4 hour timer
option
If SC2128A is selected with 8 hour timer
option
Tb0=0.5 hour
b1=1 hour
b2=2 hour
b3=4 hour
Tb0=1 hour
b1=2 hour
b2=4 hour
b3=8 hour
The time schedule is the sum of all ON LEDs. For example, if SC2128A is programmed with 0.5/1/2/4 hour
accumulated timer option, and is Tb0 is ON, Tb1 is OFF, Tb2 is OFF, Tb3 is ON, then the schedule period is 4.5
hours (0.5 hr + 4 hr).
* Rhythm LED and Sleep LED indicate SC2128A operation modes.
Operation mode
Rhythm LED
Sleep LED
ORD (ordinary wind)
OFF
OFF
RTM (rhythm wind)
ON
OFF
SLP (sleep wind)
OFF
ON
RSL (rhythm sleep wind)
ON
ON
* Three LEDs – Low, Middle and Strong – are used to indicate the respective output status of LO, MI, ST output.
LED being ON indicates output active (L). LED being OFF indicates output inactive (Z). Only one output among
LO, MI and HI may be active at a specific time.
* Swing1 LED, Swing2 LED and Light LED indicated respective output status of SO1, SO2, and LIT.


Similar Part No. - SC2128A-D21B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20D SILAN-SC2128C-C20D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20S SILAN-SC2128C-C20S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21D SILAN-SC2128C-C21D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21S SILAN-SC2128C-C21S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128A-D21B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com