Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC393 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HC393
Description  DUAL 4-STAGE BINARY RIPPLE COUNTER High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC393 Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC393 Datasheet HTML 1Page - Integral Corp. IN74HC393 Datasheet HTML 2Page - Integral Corp. IN74HC393 Datasheet HTML 3Page - Integral Corp. IN74HC393 Datasheet HTML 4Page - Integral Corp. IN74HC393 Datasheet HTML 5Page - Integral Corp. IN74HC393 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74HC393
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125
°C
Unit
fmax
Maximum Clock Frequency (50% Duty
Cycle) (Figures 1 and 3)
2.0
4.5
6.0
5.4
27
32
4.4
22
26
3.6
18
21
MH
z
tPLH,
tPHL
Maximum Propagation Delay, Clock to
Q1 (Figures 1 and 3)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to
Q2 (Figures 1 and 3)
2.0
4.5
6.0
190
38
32
240
48
41
285
57
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to
Q3 (Figures 1 and 3)
2.0
4.5
6.0
240
48
41
300
60
51
360
72
61
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to
Q4 (Figures 1 and 3)
2.0
4.5
6.0
290
58
49
365
73
62
435
87
74
ns
tPHL
Maximum Propagation Delay, Reset to
any Q (Figures 2 and 3)
2.0
4.5
6.0
165
33
28
205
41
35
250
50
43
ns
tTLH, tTHL Maximum Output Transition Time, Any
Output
(Figures 1 and 3)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per
Counter)
Typical @25
°C,VCC=5.0 V
CPD
Used to determine the no-load dynamic
power
consumption:
PD=CPDVCC
2f+ICCVCC
40
pF
TIMING REQUIREMENTS(CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-
55
°C
≤85°C
≤125°C
Unit
trec
Minimum
Recovery
Time,
Reset Inactive to Clock (Figure
2)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Set
(Figure 2)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn