Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC393 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74HC393
Description  DUAL 4-STAGE BINARY RIPPLE COUNTER High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC393 Datasheet(HTML) 3 Page - Integral Corp.

  IN74HC393 Datasheet HTML 1Page - Integral Corp. IN74HC393 Datasheet HTML 2Page - Integral Corp. IN74HC393 Datasheet HTML 3Page - Integral Corp. IN74HC393 Datasheet HTML 4Page - Integral Corp. IN74HC393 Datasheet HTML 5Page - Integral Corp. IN74HC393 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74HC393
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum
High-
Level
Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level
Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VOH
Minimum
High-
Level
Output
Voltage
VIN=VIH
or
VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH
or
VIL
IOUT
4.0
mA
IOUT ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum
Low-
Level
Output
Voltage
VIN=VIH
or
VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH
or
VIL
IOUT
4.0
mA
IOUT ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum
Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC
or
GND
IOUT=0µA
6.0
8.0
80
160
µA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn