Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWE6IC9100N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MWE6IC9100N
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWE6IC9100N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MWE6IC9100N Datasheet HTML 8Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 9Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 10Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 11Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 12Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 13Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 14Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 15Page - NXP Semiconductors MWE6IC9100N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RF Device Data
Freescale Semiconductor
MWE6IC9100NR1 MWE6IC9100GNR1 MWE6IC9100NBR1
Table 7. Common Source Scattering Parameters (VDD = 26 V, 50 ohm system, IDQ1 = 120 mA, IDQ2 = 950 mA)
f
MHz
S11
S21
S12
S22
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
750
0.230
95
5.81
--87
0.0007
--119
0.989
--180
760
0.188
93
6.48
--97
0.0007
--116
0.987
180
770
0.149
92
7.18
--107
0.0007
--111
0.985
180
780
0.114
92
7.88
--117
0.0007
--110
0.983
180
790
0.085
96
8.56
--128
0.0008
--109
0.981
180
800
0.063
104
9.22
--139
0.0008
--108
0.979
180
810
0.047
117
9.82
--150
0.0009
--109
0.978
180
820
0.037
134
10.37
--161
0.0009
--110
0.978
--180
830
0.031
156
10.85
--172
0.0009
--111
0.977
--180
840
0.029
--177
11.27
178
0.0010
--113
0.977
--180
850
0.033
--152
11.60
167
0.0010
--114
0.978
--180
860
0.041
--134
11.87
156
0.0010
--117
0.978
--180
870
0.052
--123
12.07
146
0.0010
--119
0.979
--180
880
0.063
--116
12.20
135
0.0010
--122
0.979
--180
890
0.074
--112
12.25
125
0.0010
--123
0.979
180
900
0.084
--109
12.23
115
0.0010
--126
0.980
180
910
0.094
--106
12.15
106
0.0010
--129
0.979
180
920
0.104
--103
12.01
96
0.0010
--131
0.978
180
930
0.113
--99
11.82
86
0.0009
--133
0.978
180
940
0.125
--95
11.57
77
0.0009
--135
0.977
180
950
0.141
--91
11.28
68
0.0008
--138
0.976
180
960
0.160
--88
10.97
59
0.0008
--136
0.976
180
970
0.183
--86
10.62
50
0.0007
--135
0.976
180
980
0.209
--85
10.23
42
0.0006
--133
0.976
180
990
0.238
--85
9.83
34
0.0006
--130
0.975
180
1000
0.268
--86
9.41
26
0.0006
--125
0.975
180


Similar Part No. - MWE6IC9100N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100NR1 FREESCALE-MWE6IC9100NR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100NR1 FREESCALE-MWE6IC9100NR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100NR1 FREESCALE-MWE6IC9100NR1_08 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MWE6IC9100N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com