Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8461GX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN8461GX
Description  Single Phase Full Wave BLDC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8461GX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8461GX Datasheet HTML 5Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 6Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 7Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 8Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 9Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 10Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 11Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 12Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FAN8461G
9
3. Hall Sensor Amplifier
Figure 2. Hall Sensor Interface
The hall current (IH) is determined as follows;
Where, RH is an external limiting resistor and Ri is input impedance of hall sensor. An external capacitor, CH1, can be used to
reduce a power supply noise.CH2 can reduce the instant peak current using H-bridge’s commutation. The input range of hall
amplifier is between 0V and VCC-2.8V as shown in following figure.
Figure 3. Hall Amplifier Input Range
Table 1. Hall Sensor Outputs and Related Pin outputs
8. Open Collector FG Output for Speed Feedback
The FG output comes from the hall amplifier output. Because the FG output is open collector type, end user can pull up this
pin with a external resistor to the supply voltage of their choice(that is 5 or 3.3V). This resulting output signal has two pulses
per revolution on a four pole motor. It is recommednd that this FG output be higher than the GND potential.
9. Supply Voltage Consideration
A supply sustain capacitor(CR) should be placed as close to VCC pin with GND as layout permits. A reverse supply protection
diode(DR) prevent motor current from recirculating to power source when phase commutation occur. This results in increasing
VCC pin voltage. This capacitor absorbs motor recirculating current and limits VCC pin voltage. In general, large motor wind-
ing induactance and current need large value of CR.
10. Thermal Shutdown
TSD on: Two high side outputs are off.(Typ. 175
°C)
TSD off:The circuit can be reactivated and begin to operate in a normal condition. (Typ. 150
°C)
H+
H-
LD
OUT 1
OUT 2
AL
TACO
Remark
H
L
Low Level
L
H
L
L
ROTATING
L
H
Low Level
H
L
L
H
--
-
-
H
L or H
LOCK
CH1
FAN8461G
IN-
IN+
1
2
V+
Hall
Sensor
CH2
RH
Ri
IH
VCC
R
H Ri
+
()
---------------------------
=
VS
V S - 2.8V
V S / 2
GN D


Similar Part No. - FAN8461GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8460MPX FAIRCHILD-FAN8460MPX Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8460MTC FAIRCHILD-FAN8460MTC Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8460MTCX FAIRCHILD-FAN8460MTCX Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
FAN8463MPX FAIRCHILD-FAN8463MPX Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
More results

Similar Description - FAN8461GX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
logo
ON Semiconductor
LV88563 ONSEMI-LV88563 Datasheet
777Kb / 24P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV8814J ONSEMI-LV8814J Datasheet
2Mb / 36P
   Motor Driver 3-Phase PWM Full-Wave BLDC
June 2016- Rev. 0
logo
Fairchild Semiconductor
FAN8460MTC FAIRCHILD-FAN8460MTC Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
logo
Shaoxing Devechip Micro...
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
   Single-phase Full-wave Motor Driver
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
   Single-phase full-wave motor driver
logo
Shaoxing Devechip Micro...
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
   Single-Phase Full-Wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com