Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8038C Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN8038C
Description  4-Channel Motor Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8038C Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8038C Datasheet HTML 5Page - Fairchild Semiconductor FAN8038C Datasheet HTML 6Page - Fairchild Semiconductor FAN8038C Datasheet HTML 7Page - Fairchild Semiconductor FAN8038C Datasheet HTML 8Page - Fairchild Semiconductor FAN8038C Datasheet HTML 9Page - Fairchild Semiconductor FAN8038C Datasheet HTML 10Page - Fairchild Semiconductor FAN8038C Datasheet HTML 11Page - Fairchild Semiconductor FAN8038C Datasheet HTML 12Page - Fairchild Semiconductor FAN8038C Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FAN8038C
9
Electrical Characteristics
(Ta=25
°C, BATT=2.4V, SVCC1=SVCC2=3.2V, VREF=1.6V, ADPVCC=0V, fCLKIN=88.2KHz, unless otherwise
specified)
*Granteed Design Value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OP-AMP
Input Bias Current
IBIAS
IN(+)=1.6V
-
-
300
nA
Input Offset Voltage
VOFOP
IN(+)=1.6V
-5.5
0
5.5
mV
High Level Output Voltage
VOHOP
RL=OPEN
2.8
-
-
V
Low Level Output Voltage
VOLOP
RL=OPEN
-
-
0.2
V
Output Drive Current (Source)
VSOURCE
50
Ω GND
-
-6.5
-3.0
mA
Output Drive Current (Sink)
VSINK
50
Ω SVCC
0.4
0.7
-
mA
*Open Loop Voltage Gain
GVO
VIN= -75dB, F=1kHz
-
70
-
dB
*Slew Rate
SR
-
-
0.5
-
V/
µs
BATTERY CHARGING CURCUIT
CHGSET Pin Bias Voltage
VCHGSET
ADPVCC=4.5V,
CHGSET=1.8k
0.71
0.81
0.91
V
*CHGSET Pin Output Resistance
RCHGSET
ADPVCC=4.5V
0.75
0.95
1.20
K
EMPSET Pin Leak Current 1
IEMPSET
ADPVCC=4.5V,
CHGSET=OPEN
--
1.0
µA
EMPSET Pin Leak Current 2
IEMPSET
ADPVCC = 0.6V,
CHGSET = 1.8k
--
1.0
µA
EMPSET Pin Saturation Voltage
VEMPSET
ADPVCC = 4.5V, IO = 300mA,
CHGSET = 0
-
0.45
1.0
V
EMPTY DETECTION
EMP Detection Voltge 1
VEMPT1
VEMPSET = 0V
2.1
2.2
2.3
V
EMP Detection Voltge 2
VEMPT2
IEMPSET = -2
µA1.7
1.8
1.9
V
EMP Detection Hysteresis Voltage 1
VEMHS1
VEMPSET = 0V
25
50
100
mV
EMP Detection Hysteresis Voltage 2
VEMHS2
IEMPSET = -2
µA25
50
100
mV
EMP Pin Output Voltage
VEMP
IO = 1mA, OVP = 1V
-
-
0.5
V
EMP Pin Output Leak Current
IEMPLK
OVP = 2.4V
-
-
1.0
µA
*OVP Pin Input Resistance
ROVP
VEMPSET = 0V
17
23
27
K
OVP Pin Leak Current
IOVPLK
SVCC1 = SVCC2 = 0V,
OVP = 4.5V
--
1.0
V
EMP_SET Pin Detection Voltage
VEMPSET
VEMPSET = BATT-EMPSET,
OVP = 2V
1.5
-
-
V
EMP_SET Pin Detection Current
IEMPSET
EMPSET
-2
-
-
µA


Similar Part No. - FAN8038C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8038 FAIRCHILD-FAN8038 Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results

Similar Description - FAN8038C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
   4-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com