Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7532MX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7532MX
Description  Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7532MX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7532MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 13Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7532 Rev. 1.0.2
10
4. Preheating Mode
The preheating mode is defined as the IC’s internal
status when the VCPH is between 0V and 2.9V. During
preheating, the current that flows through the ballast
circuit heats the lamp filaments. This is necessary for
maximizing lamp life and reducing the required ignition
voltage. When the VCC exceeds the UVLO high
threshold, the preheating time set-up capacitor, CPH,
starts being charged by the internal 1.5µA current source
until the VCPH reaches 2.9V. Until the VCPH reaches
2.9V, the switching frequency throughout the preheating
mode is determined by CT and RPH.
The preheating time is determined by the CPH and the
1.5µA current source. Therefore, the preheating time is
determined by equation (3):
The preheating frequency is determined by the amount
of charging and discharging current to the CT capacitor.
The charging and discharging current during preheating
mode is decided by equation (4):
The charging and discharging time of the CT capacitor
during preheating mode is decided by equation (5):
Finally, the FAN7532’s preheating frequency in the
preheating period is determined by equation (6):
5. Ignition Mode
The ignition mode is defined as the IC’s internal status
when VCPH is approximately between 2.9V and 5V.
During ignition, the operating frequency is decreased to
a pre-determined value. At the same time, a very high-
voltage for igniting the lamp is established across the
lamp. When the VCPH exceeds 2.9V, the FAN7532
enters the ignition mode. Once VCPH exceeds 5V, the
device enters the run mode described in the following
section. In the ignition period, the internal 10mA current
source charges the external preheating timing capacitor
(CPH) to increase noise immunity with the sharp slope of
the VCPH. The ignition time is determined by the CPH
and internal 10mA current source (
). In this
mode, the switching frequency is determined by CT,
RPH, and RT. Therefore, the charging and discharging
currents change according to VCPH and are determined
by equation (7).
6. Run Mode
After the lamp has successfully ignited, the FAN7532
enters run mode. The run mode is defined as the IC’s
internal status when VCPH is higher than 5V. In this
mode, the lamp is being driven with a normal power level
after the lamp is discharged. The run mode switching
frequency is determined by the timing resistor RT and
the timing capacitor CT. When the VCPH exceeds 5V, the
protection-masking mode is disabled and the IC can
enter the protection mode. The running frequency is
determined by the amount of charging and discharging
current to CT capacitor.
The charging and discharging currents during preheating
mode are decided by the equation (8):
Finally, the preheating frequency in the preheating period
using the FAN7532 is determined by the equation (10):
CPH
V
V
V ;Preheating Frequency
02.9 ,
≤≤
() ()
PH
RT
CT
RT
PH
CPH
II
II
V
V
I
VV
V
V
V
;Ignition Frequency
52.9
52.9
2.9
5 ,
=+
=
≤≤
() ()
PH
RT
CT
RT
CPH
CPH
CT
RT
II
II
V V
VV
VV
I
I
;Run Frequency
5
52.9
5
,
=+
=
CPH
pre
charging
V
tCPH
I
(3)
(4)
()
()
ref
pre ch
PH
ref
pre disch
PH
V
I
R
V
I
Vref
V Constant
R
_
_
4
6.25
4,
4
×
=
(5)
CT
pre ch
T
pre ch
CT
pre disch
T
pre disch
dV
tC
I
dV
t
C
dVCT=3.45V (Constant)
I
_
_
_
_
,
()
pre
pre ch
pre disch
f
tt
__
1
2
=
×+
(6)
CPH
ign
PH
CPH
V
TC
I
Δ
Δ=
×
() ()
PH
RT
CT
RT
CPH
II
II
V V
VV
5
52.9
=+
(7)
()
ref
run ch
T
ref
run disch
T
V
I
R
V
I
Vref=4V (Constant)
R
_
_
2
6.25
2,
×
(8)
CT
run ch
T
run ch
CT
run disch
T
run disch
dV
tC
I
dV
t
C
dVCT=3.45V (Constant)
I
_
_
_
_
,
(9)
()
run
run ch
run disch
f
tt
__
1
2
=
×+
(10)


Similar Part No. - FAN7532MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7532MX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com