Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6520AM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN6520AM
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN6520AM Datasheet HTML 1Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 2Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
REV. 1.0.2 8/26/04
FAN6520A
PRODUCT SPECIFICATION
Absolute Maximum Ratings
Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life
impaired. Functional operation under these conditions is not implied.
Thermal Information
Recommended Operating Conditions
Parameter
Min.
Max.
Units
VCC to GND
6V
VBOOT to GND
15
V
HDRV (VBOOT – VSW)
6V
LDRV
0.5
6
V
SW to PGND
Continuous
0.5
6
V
Transient ( t < 50nsec, F < 500kHz)
37
V
All other pins
5.5
V
Parameter
Min.
Typ.
Max.
Units
Storage Temperature
–65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Vapor Phase, 60 seconds
215
°C
Infrared, 15 seconds
220
°C
Power Dissipation (PD), TA = 25°C
715
mW
Thermal Resistance – Junction to Case
θJC
40
°C/W
Thermal Resistance – Junction to Ambient
θJA
140
°C/W
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
VCC to PGND
4.5
5
5.5
V
Ambient Temperature (TA)FAN6520A
070
°C
FAN6520AI
40
85
°C
Junction Temperature (TJ)
40
125
°C


Similar Part No. - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com