Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6520AM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6520AM
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6520AM Datasheet HTML 1Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 2Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
REV. 1.0.2 8/26/04
FAN6520A
PRODUCT SPECIFICATION
Typical Application
Figure 1. Typical Application
Figure 2. Functional Block Diagram
FB
FAN6520A
VCC
+V
OUT
Q2
COMP/OCSET
R
S
GND
LDRV
SW
HDRV
BOOT
5
3
4
8
2
1
6
7
Q1
CHF
R
OFFSET
ROCSET
C
F
R
F
C
I
C
BOOT
D
BOOT
CBULK
C
VCC
+5V
L
OUT
C
OUT
PWM
FB
0.8V
ERROR
+
AMP
COMP/OCSET
20µA
OSC
GATE
CONTROL
LOGIC
OC
GND
LDRV
SW
HDRV
BOOT
PWM
POR / SOFT START
VCC
SAMPLE
& HOLD
VCC
+


Similar Part No. - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com