Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5631 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5631
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5631 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5631 Datasheet HTML 3Page - Fairchild Semiconductor FAN5631 Datasheet HTML 4Page - Fairchild Semiconductor FAN5631 Datasheet HTML 5Page - Fairchild Semiconductor FAN5631 Datasheet HTML 6Page - Fairchild Semiconductor FAN5631 Datasheet HTML 7Page - Fairchild Semiconductor FAN5631 Datasheet HTML 8Page - Fairchild Semiconductor FAN5631 Datasheet HTML 9Page - Fairchild Semiconductor FAN5631 Datasheet HTML 10Page - Fairchild Semiconductor FAN5631 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
Switch Configuration
Figure 5. Mode 2:1 Configuration
control the rate of the output voltage ramp-up to its final value.
Typical start-up time is 1ms. Since the rate of the output voltage
ramp-up is controlled by an internally generated slow ramp,
pulse-skipping occurs and in-rush current is automatically lim-
ited.
Shutdown, UVLO, Short Circuit Current Limit
and Thermal Shutdown
The device has an active-low shutdown pin to decrease supply
current to less than 1
µA. In shutdown mode, the supply is dis-
connected from the output. UVLO triggers when supply voltage
drops below 2V. When the output voltage is lower than 150mV, a
short circuit protection is triggered. In this mode 15 out of 16
pulses during the switching will be skipped and the supply cur-
rent is limited. Thermal shutdown triggers at 150ºC.
Efficiency Optimizer (FAN5632)
For higher efficiency in the FAN5632, VSEL should be tied to
ground to enable the efficiency optimizer feature. To achieve an
optimized efficiency, the switch mode configuration transition
point is shifted from a 2:1 to a 1:1 mode until the output voltage
falls to 20% of its nominal value. For example, when the nominal
output voltage is 1.5V, the output voltage is allowed to drop to
1.2V. This will maintain a peak efficiency of 85% for the input
voltage range of 2.9V to 3.5V. For normal operation, VSEL
should be tied high.
Figure 6. Mode 1:1 Configuration
Applications Information
The FAN5631/FAN5632 requires one ceramic bucket capacitor
in the 0.1µF to 1µF range; one 10µF output bypass capacitor
and one 10µF input bypass capacitor. To obtain optimum output
ripple and noise performance, use of low ESR (<0.05
Ω) ceramic
input and output bypass capacitors is recommended. The X5R-
and X7R-rated capacitors provide adequate performance over
the -40°C to 85°C temperature range.
The bucket capacitor’s value is dependent on load current
requirements. A 1µF bucket capacitor will work well in all appli-
cations at all load currents, while a 0.1µF capacitor will support
most applications under 100mA of load current. The choice of
bucket capacitor values should be verified in the actual applica-
tion at the lowest input voltage and highest load current. A 30%
margin of safety is recommended in order to account for the tol-
erance of the bucket capacitor and the variations in the on-resis-
tance of the internal switches.
One of the key benefits of the ScalarPump™ architecture is that
the dynamically scaled on-resistance of the switches effectively
reduces the peak current in the bucket capacitor and therefore
input and output ripple currents are also reduced. Nevertheless,
due to the ESR of the input and output bypass capacitors, these
current spikes generate voltage spikes at the input and output
pins. However, these ESR spikes can be easily filtered because
their frequencies lie at up to 12 times the clock frequencies. In
S1
S3
S4
V
IN
GND
C+
VOUT
C-
C
OUT
C
B
S2
S1
S2
S3
S4
V
IN
GND
C+
VOUT
C-
C
OUT
C
B
This configuration shows the switches in the charging
This configuration shows the S1 and S2 swithces in phase 1 position.
phase position. For the pumping phase, reverse all
switch positions.
For phase 2, reverse the positions of the S1 and S2 switches.
The S3 switch is always OFF, and the S4 switch is always ON.


Similar Part No. - FAN5631

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631MPX FAIRCHILD-FAN5631MPX Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5631

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com