Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5332ASX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5332ASX
Description  High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5332ASX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5332ASX Datasheet HTML 1Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 2Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 3Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 4Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 5Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 6Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 7Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 8Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
August 2005
FAN5332A Rev. 1.0.1
FAN5332A
High Efficiency, High Current Serial LED Driver and OLED
Supply with 30V Integrated Switch
Features
■ 1.5MHz Switching Frequency
■ Low Noise
■ Adjustable Output Voltage
■ Up to 1.5A Peak Switch Current
■ 1.5W Output Power Capability
■ Low Shutdown Current: <1µA
■ Cycle-by-Cycle Current Limit
■ Over-Voltage Protection
■ Fixed -Frequency PWM Operation
■ Soft Start
■ Internal Compensation
■ Thermal Shutdown
■ 5-lead SOT-23 Package
Applications
■ Cell Phones
■ PDAs
■ Handheld Equipment
■ Display Bias
■ LED Bias
■ Flash LED
Description
The FAN5332A is an LED driver that features fixed frequency
mode operation and an integrated FET switch. The device’s
high output power makes it suitable to drive flash LEDs in serial
connections. This device is designed to operate at high switch-
ing frequencies in order to minimize switching noise measured
at the battery terminal of hand-held communications equipment.
Quiescent current in both normal and shutdown mode is
designed to be minimal in order to extend battery life. Normal or
shutdown mode can be selected by a logic level shutdown cir-
cuitry.
The low ON-resistance of the internal N-channel switch ensures
high efficiency and low power dissipation. A cycle-by-cycle cur-
rent limit circuit keeps the peak current of the switch below a
typical value of 1.5A. The FAN5332A is available in a 5-lead
SOT23 package.
Typical Application
Figure 1. Typical Application Diagram
SHDN
VIN
VOUT
R1
R2
GND
VIN
FB
SW
CF
CIN
6.8µH
1
3
2
4
5
10
µF
82pF
COUT
L
BAT54
2.2
µF
2.7V to 5.5V
ON
OFF


Similar Part No. - FAN5332ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Similar Description - FAN5332ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com