Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5332A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5332A
Description  High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5332A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5332A Datasheet HTML 1Page - Fairchild Semiconductor FAN5332A Datasheet HTML 2Page - Fairchild Semiconductor FAN5332A Datasheet HTML 3Page - Fairchild Semiconductor FAN5332A Datasheet HTML 4Page - Fairchild Semiconductor FAN5332A Datasheet HTML 5Page - Fairchild Semiconductor FAN5332A Datasheet HTML 6Page - Fairchild Semiconductor FAN5332A Datasheet HTML 7Page - Fairchild Semiconductor FAN5332A Datasheet HTML 8Page - Fairchild Semiconductor FAN5332A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FAN5332A Rev. 1.0.1
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination.
2. Junction to ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of via used, diameter of via used, available copper surface, and attached heat
sink characteristics.
3. Using EIA/JESD22A114B (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
4. This load capacitance value is required for the loop stability. Tolerance, temperature variation, and voltage
dependency of the capacitance must be considered. Typically a 2.2µF ceramic capacitor is required to achieve
specified value at VOUT = 30V.
Parameter
Min
Max
Unit
VIN to GND
6.0
V
FB, SHDN to GND
-0.3
VIN + 0.3
V
SW to GND
-0.3
35
V
Lead Soldering Temperature (10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Thermal Resistance (
ΘJA) (Note 2)
200
°C/W
Electrostatic Discharge Protection (ESD) Level (Note 3)
HBM
2
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Input Voltage
2.7
5.5
V
Output Voltage
12
30
V
Operating Ambient Temperature
-40
25
85
°C
Output Capacitance (Note 4)
1.6
µF


Similar Part No. - FAN5332A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Similar Description - FAN5332A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com