Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5182 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5182
Description  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5182 Datasheet HTML 3Page - Fairchild Semiconductor FAN5182 Datasheet HTML 4Page - Fairchild Semiconductor FAN5182 Datasheet HTML 5Page - Fairchild Semiconductor FAN5182 Datasheet HTML 6Page - Fairchild Semiconductor FAN5182 Datasheet HTML 7Page - Fairchild Semiconductor FAN5182 Datasheet HTML 8Page - Fairchild Semiconductor FAN5182 Datasheet HTML 9Page - Fairchild Semiconductor FAN5182 Datasheet HTML 10Page - Fairchild Semiconductor FAN5182 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
www.fairchildsemi.com
FAN5182 Rev. 1.0.1
Typical Characteristics
Figure 2. Master Clock Frequency
Figure 3. Supply Current vs. Osc. Frequency
Figure 4. Normalized VFB vs. Temperature
3
2
1
0
RT VALUE (kW)
050
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
OSCILLATOR FREQUENCY (MHz)
TA = 25°C
3-PHASE OPERATION
0.994
0.996
0.998
0.992
1.000
1.002
025
85
TEMPERATURE (
°C)


Similar Part No. - FAN5182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229 FAIRCHILD-FAN5182QSCX_NA3E229 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229_NL FAIRCHILD-FAN5182QSCX_NA3E229_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E231_NL FAIRCHILD-FAN5182QSCX_NA3E231_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Similar Description - FAN5182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com