Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5069MTCX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5069MTCX
Description  PWM and LDO Controller Combo
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5069MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FAN5069 Rev. 1.1.0
1
www.fairchildsemi.com
October 2005
©2005 Fairchild Semiconductor Corporation
FAN5069
PWM and LDO Controller Combo
Features
■ General Purpose PWM Regulator and LDO Controller
■ Input Voltage Range: 3V to 24V
■ Output Voltage Range: 0.8V to 15V
■ VCC
- 5V
- Shunt Regulator for 12V Operation
■ Support for Ceramic Cap on PWM Output
■ Programmable Current Limit for PWM Output
■ Programmable Switching Frequency (200KHz to 600KHz)
■ RDS(ON) Current Sensing
■ Internal Synchronous Boot Diode
■ Soft-Start for both PWM and LDO
■ Multi-Fault Protection with Optional Auto-restart
■ 16-pin TSSOP Package
Applications
■ PC/Server Motherboard Peripherals
- VCC_MCH (1.5V), VDDQ (1.5V) and VTT_GTL(1.25V)
■ Power Supply for
- FPGA, DSP, Embedded Controllers, Graphic Card Proces-
sor, and Communication Processors
■ Industrial Power Supplies
■ High Power DC-to-DC Converters
Description
The FAN5069 combines a high efficiency PWM controller and a
LDO (Low DropOut) linear regulator controller. Synchronous
rectification provides high efficiency over a wide range of load
currents. Efficiency is further enhanced by using the low-side
MOSFET's RDS(ON) to sense current.
Both the linear and PWM regulator soft-start are controlled by a
single external capacitor, to limit in rush current from the supply
when the regulators are first enabled. Current limit for PWM is
also programmable.
The PWM regulator employs a Summing-Current-Mode control
with external compensation to achieve fast load transient
response and provide system design optimization.
FAN5069 is offered in both industrial temperature grade (-40°C
to +85°C) as well as commercial temperature grade (-10°C to
+85°C)
Ordering Information
Note: Contact Fairchild Sales for availability of other package options.
Part Number Operating Temp. Range Pb-Free
Package
Packing Method
Qty/Reel
FAN5069MTCX
-10°C to +85°C
Yes
16-Lead TSSOP
Tape and Reel
2500
FAN5069EMTCX
-40°C to +85°C
Yes
16-Lead TSSOP
Tape and Reel
2500


Similar Part No. - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Similar Description - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com