Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL837030 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL837030
Description  Modem Reference Designs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL837030 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL837030 Datasheet HTML 3Page - Intersil Corporation ISL837030 Datasheet HTML 4Page - Intersil Corporation ISL837030 Datasheet HTML 5Page - Intersil Corporation ISL837030 Datasheet HTML 6Page - Intersil Corporation ISL837030 Datasheet HTML 7Page - Intersil Corporation ISL837030 Datasheet HTML 8Page - Intersil Corporation ISL837030 Datasheet HTML 9Page - Intersil Corporation ISL837030 Datasheet HTML 10Page - Intersil Corporation ISL837030 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ISL837030, ISL83740
7
FN8013.5
Performance Specifications
Modem Parameters
Modulation, Inner Code Rates, and Ranges
1A rate of 1 is equivalent to No Inner Code.
2Ranges valid for Internal Sync (RS 255, 238).
To avoid significant performance degradation, interleaving must be enabled when using
concatenated coding rates (any rate other than 1). See the mdLeaver command in the
Programmer’s Reference AN9935.
ITEM
DESCRIPTION
Symbol Rate Range
3.0Mbaud to 42.514Mbaud
Payload Data Rate Range
5.6Mbps to 238Mbps (ISL83740)
5.6Mbps to 160Mbps (ISL837030)
Outer Code (Reed Solomon)
Packet Size
(255, 238) Internal Sync Mode only
(240, 223) External Sync Mode only
See Demodulator RS Data Packet Definition on
page 20.
Power Consumption
18.75W Maximum
FEC Modes
FEC disabled, RS FEC only, concatenated
convolutional inner code with RS outer code
Pulse Shape (Alpha)
Square Root Nyquist, programmable
α (0.15 to 0.35) in 0.05 steps
Tx Carrier Tuning Range
± 500kHz, programmable in 1kHz steps
Non-zero tuner offsets may not meet more stringent
mask requirements.
Rx Digital Matched Filter
32-tap Root Raised Cosine
0.20 rolloff factor
Bandwidth tracks selected symbol rate
MODULATION
TYPE
INNER CODE
RATE1
PAYLOAD RATE
RANGE IN Mbps2
SYMBOL RATE
RANGE IN Mbaud
ASCII
BINARY
ASCII
BINARY
ISL83740
ISL837030
ISL83740
ISL837030
QPSK
0
1
12
5.6000 to 79.3595
5.6000 to 79.3595
All Payload Rates:
3.0000 to 42.5140
3.0000 to 42.5140
8PSK
1
1
12
8.4000 to 119.0392
8.4000 to 119.0392
16QAM
2
3/4
2
8.4000 to 119.0392
8.4000 to 119.0392
7/8
6
9.8000 to 138.8791
9.8000 to 138.8791
1
12
11.2000 to 158.7189 11.2000 to 158.7189
32QAM
4
4/5
3
11.2000 to 158.7189 11.2000 to 158.7189
9/10
8
12.6000 to 178.5588 12.6000 to 160.0000
3.0000 to 38.0953
1
12
14.0000 to 198.3987 14.0000 to 160.0000
3.0000 to 34.2857
64QAM
6
5/6
4
14.0000 to 198.3987
N/A
N/A
11/12
9
15.4000 to 218.2385
1
12
16.8000 to 238.0784
128QAM
8
6/7
5
16.8000 to 238.0784


Similar Part No. - ISL837030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83070E-78E INTERSIL-ISL83070E-78E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results

Similar Description - ISL837030

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
   Reference designs
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
   AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A_15 Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
   Various antenna designs
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com