Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59445IR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL59445IR
Description  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59445IR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL59445IR Datasheet HTML 5Page - Intersil Corporation ISL59445IR Datasheet HTML 6Page - Intersil Corporation ISL59445IR Datasheet HTML 7Page - Intersil Corporation ISL59445IR Datasheet HTML 8Page - Intersil Corporation ISL59445IR Datasheet HTML 9Page - Intersil Corporation ISL59445IR Datasheet HTML 10Page - Intersil Corporation ISL59445IR Datasheet HTML 11Page - Intersil Corporation ISL59445IR Datasheet HTML 12Page - Intersil Corporation ISL59445IR Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN7456.2
September 8, 2005
HIZ State
An internal pull-down resistor connected to the HIZ pin
ensures the device will be active with no connection to the
HIZ pin. The HIZ state is established within approximately
15ns (Figure 16) by placing a logic high (>2V) on the HIZ
pin. If the HIZ state is selected, the output is a high
impedance 1.4M
Ω with approximately 1.5pF in parallel with
a 10
µA bias current from the output. Use this state to control
the logic when more than one mux shares a common output.
In the HIZ state the output is three-stated, and maintains its
high Z even in the presence of high slew rates. The supply
current during this state is basically the same as the active
state.
ENABLE and Power Down States
The enable pin is active low. An internal pull-down resistor
ensures the device will be active with no connection to the
ENABLE pin. The Power Down state is established within
approximately 100ns (Figure 14), if a logic high (>2V) is
placed on the ENABLE pin. In the Power Down state, the
output has no leakage but has a large variable capacitance
(on the order of 15pF), and is capable of being back-driven.
Under this condition, large incoming slew rates can cause
fault currents of tens of mA. Do not use this state as a
logic control for applications driving more than one mux
on a common output.
LE State
The ISL59424 is equipped with a Latch Enable pin. A logic
high (>2V) on the LE pin latches the last logic state. This
logic state is preserved when cycling HIZ or ENABLE
functions.
Limiting the Output Current
No output short circuit current limit exists on these parts. All
applications need to limit the output current to less than
50mA. Adequate thermal heat sinking of the parts is also
required.
Application Example
Figure 21 illustrates the use of the ISL59445, two ISL84517
SPST switches and one NC7ST00P5X NAND gate to mux 3
different component video signals and one RGB video
signal. The SPDT switches provide the sync signal for the
RGB video and disconnects the sync signal for the
component signal.
PC Board Layout
The frequency response of this circuit depends greatly on
the care taken in designing the PC board. The following are
recommendations to achieve optimum high frequency
performance from your PC board.
• The use of low inductance components such as chip
resistors and chip capacitors is strongly recommended.
• Minimize signal trace lengths. Trace inductance and
capacitance can easily limit circuit performance. Avoid
sharp corners, use rounded corners when possible. Vias
in the signal lines add inductance at high frequency and
should be avoided. PCB traces greater than 1" begin to
exhibit transmission line characteristics with signal rise/fall
times of 1ns or less. High frequency performance may be
degraded for traces greater than one inch, unless strip line
are used.
• Match channel-channel analog I/O trace lengths and
layout symmetry. This will minimize propagation delay
mismatches.
• Maximize use of AC de-coupled PCB layers. All signal I/O
lines should be routed over continuous ground planes (i.e.
no split planes or PCB gaps under these lines). Avoid vias
in the signal I/O lines.
• Use proper value and location of termination resistors.
Termination resistors should be as close to the device as
possible.
• When testing use good quality connectors and cables,
matching cable types and keeping cable lengths to a
minimum.
• Minimum of 2 power supply de-coupling capacitors are
recommended (1000pF, 0.01µF) as close to the devices
as possible - Avoid vias between the cap and the device
because vias add unwanted inductance. Larger caps can
be farther away. When vias are required in a layout, they
should be routed as far away from the device as possible.
• The NIC pins are placed on both sides of the input pins.
These pins are not internally connected to the die. It is
recommended these pins be tied to ground to minimize
crosstalk.
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 21. SCHOTTKY PROTECTION CIRCUIT
ISL59424, ISL59445


Similar Part No. - ISL59445IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59445IRZ INTERSIL-ISL59445IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ RENESAS-ISL59445IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-EVAL INTERSIL-ISL59445IRZ-EVAL Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ-EVAL RENESAS-ISL59445IRZ-EVAL Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-T13 INTERSIL-ISL59445IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

Similar Description - ISL59445IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com