Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL60007 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL60007
Description  Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL60007 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN8087.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL60007
Precision 1.25V and 2.50V, 1.08µ-Watt,
High Precision FGA™ Voltage References
The ISL60007 FGA™ voltage references are extremely low
power, very high precision analog voltage references
fabricated in Intersil's proprietary Floating Gate Analog
technology. The ISL60007 features low supply voltage
operation at ultra-low 400nA operating current resulting in
typical 1.08µW power consumption.
In addition, the ISL60007 family features guaranteed initial
accuracy as low as ±0.5mV, temperature coefficients as tight
as 3ppm/°C and long-term stability of 10ppm/
√1kHrs.
The initial accuracy and thermal stability performance of the
ISL60007 family plus the low power consumption eliminates
the need to compromise accuracy and thermal stability for
reduced power consumption making it an ideal high
resolution, low power data conversion system.
Pinout
ISL60007 (8 LD SOIC)
TOP VIEW
Features
• Reference Voltage . . . . . . . . . . . . . . . . . 1.25V, and 2.50V
• Absolute Initial Accuracy Options. . . . . ±0.5mV, & ±1.0mV
• 1.08µW typical Power Consumption
• Supply Voltage Range . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Ultra-Low Supply Current. . . . . . . . . . . . . . . . . . . . .400nA
• Low Temperature Coefficient Options . . . . . . . . . 3ppm/°C
5ppm/°C, & 10ppm/°C
• Long Term Stability. . . . . . . . . . . . . . . . . . . 10ppm/
√1kHrs
• 7mA Source & Sink Current
• ESD Protection. . . . . . . . . . . . . 5kV (Human Body Model)
• Standard 8 Ld SOIC Packaging
• Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +85°C
Applications
• High Resolution A/Ds & D/As
• Digital Meters
• Bar Code Scanners
• Mobile Communications
• PDA’s and Notebooks
• Battery Management Systems
• Medical Systems
Typical Application
Ordering Information
PART NUMBER
TEMP.
RANGE (°C) PACKAGE GRADE
VOUT
OPTION
ISL60007CIB812
-40 to +85
8 Ld SOIC
±0.5mV,
5ppm/°C
1.250V
ISL60007DIB812
-40 to +85
8 Ld SOIC
±1.0mV,
10ppm/°C
1.250V
ISL60007BIB825
-40 to +85
8 Ld SOIC ±0.5mV,
3ppm/°C
2.500V
ISL60007CIB825
-40 to +85
8 Ld SOIC ±0.5mV,
5ppm/°C
2.500V
ISL60007DIB825
-40 to +85
8 Ld SOIC ±1.0mV,
10ppm/°C
2.500V
Pin Descriptions
PIN NAME
DESCRIPTION
GND
Ground Connection
VIN
Power Supply Input Connection
VOUT
Voltage Reference Output Connection
DNC
Do Not Connect; Internal Connection -
Must Be Left Floating
1
2
3
4
8
7
6
5
VIN
DNC
GND
DNC
DNC
VOUT
DNC
GND
VIN = +3.0V
0.1µF
0.001µF*
SERIAL
BUS
VIN V
OUT
GND
ISL60007
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
*Also see Figure 29 in Applications Information.
Data Sheet
May 5, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn