Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL60007 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL60007
Description  Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL60007 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN8087.1
May 5, 2005
ISC
Short Circuit Current (Note 3)
TA = 25°C, VOUT tied to Gnd
40
80
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVp-p
NOTES:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = 125°C.
2. Thermal Hysteresis is the change in VOUT measured @ TA = 25°C after temperature cycling over a specified range, TA. VOUT is read initially
at TA = 25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at 25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For TA = 125°C, the device under test is cycled
from +25°C to +85°C to -40°C to +25°C.
3. Guaranteed by device characterization and/or correlation to other device tests.
4. FGA voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 1000 hours. Because of this decreasing characteristic, long term drift is
specified in ppm/
√1kHrs.
Electrical Specifications
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, Unless Otherwise
Specified. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves, 1.25V Reference VIN = 3.0V, IOUT = 0mA, TA = 25°C
Unless Otherwise Specified
FIGURE 1. IIN vs VIN - 3 UNITS
FIGURE 2. IIN vs VIN - 3 TEMPS
100
200
300
400
500
600
2.7
3.4
4.1
4.8
5.5
VIN (V)
440nA
330nA
240nA
250
300
350
400
2.7
3.4
4.1
4.8
5.5
-40°C
+25°C
+85°C
VIN (V)
ISL60007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn