Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9F12325 Datasheet(PDF) 1 Page - Schneider Electric

Part No. M9F12325
Description  Multi 9 - C60N - MCB - 3P - 25 A - D Curve - 415 V - 10 kA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F12325 Datasheet(HTML) 1 Page - Schneider Electric

  M9F12325 Datasheet HTML 1Page - Schneider Electric M9F12325 Datasheet HTML 2Page - Schneider Electric M9F12325 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
M9F12325
Multi 9 - C60N - MCB - 3P - 25 A - D Curve - 415
V - 10 kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 300.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60N
Device application
Distribution
Poles description
3P
Number of protected poles
3
Line Rated Current
25 A 122 °F (50 °C) EN/IEC 60947-2
Network type
AC
DC
Trip unit technology
Thermal-magnetic
Curve code
D
Breaking capacity
30 kA Icu <= 125 V DC EN/IEC 60947-2
10 kA Icu 415 V AC 50/60 Hz between phases EN/IEC 60947-2
20 kA Icu 240 V AC 50/60 Hz between phases EN/IEC 60947-2
6 kA Icu 440 V AC 50/60 Hz between phases EN/IEC 60947-2
Utilisation category
Category A EN/IEC 60947-2
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
Product certifications
EAC
KC
CCC
Complementary
Network frequency
50/60 Hz
[Ue] rated operational voltage
240 V AC 50/60 Hz between phases
415 V AC 50/60 Hz between phases
440 V AC 50/60 Hz between phases
Mar 10, 2020
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn