Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59421IUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL59421IUZ
Description  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421IUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL59421IUZ Datasheet HTML 4Page - Intersil Corporation ISL59421IUZ Datasheet HTML 5Page - Intersil Corporation ISL59421IUZ Datasheet HTML 6Page - Intersil Corporation ISL59421IUZ Datasheet HTML 7Page - Intersil Corporation ISL59421IUZ Datasheet HTML 8Page - Intersil Corporation ISL59421IUZ Datasheet HTML 9Page - Intersil Corporation ISL59421IUZ Datasheet HTML 10Page - Intersil Corporation ISL59421IUZ Datasheet HTML 11Page - Intersil Corporation ISL59421IUZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7458.1
September 21, 2005
Application Circuits
Application Information
General
The ISL59421 is a 2:1 mux that is ideal as a matrix element
in high performance switchers and routers. The ISL59421 is
optimized to drive 5pF in parallel with a 500
Ω load. The
capacitance can be split between the PCB capacitance an
and external load capacitance. Its low input capacitance and
high input resistance provide excellent 50
Ω or 75Ω
terminations.
Parasitic Effects on Frequency Performance
Capacitance at the Inverting Input
The AC performance of current-feedback amplifiers in the
non-inverting gain configuration is strongly affected by stray
capacitance at the inverting input. Stray capacitance from
the inverting input pin to the output (CF), and to ground (CG),
increase gain peaking and bandwidth. Large values of either
capacitance can cause oscillation. The ISL59421 has been
optimized for a 0.4pF to 0.7pF capacitance (CG).
Capacitance (CF) to the output should be minimized. To
achieve optimum performance the feedback network
resistor(s) must be placed as close to the device as possible.
Trace lengths greater than 1/4 inch combined with resistor
pad capacitance can result in inverting input to ground
capacitance approaching 1pF. Inverting input and output
traces should not run parallel to each other. Small size
surface mount resistors (604 or smaller) are recommended.
Capacitance at the Output
The output amplifier is optimized for capacitance to ground
(CL) directly on the output pin. Increased capacitance
causes higher peaking with an increase in bandwidth. The
optimum range for most applications is ~1.0pF to ~6pF. The
optimum value can be achieved through a combination of
PC board trace capacitance (CT) and an external capacitor
(COUT). A good method to maintain control over the output
pin capacitance is to minimize the trace length (CT) to the
next component, and include a discrete surface mount
capacitor (COUT) directly at the output pin.
Feedback Resistor Values
The AC performance of the output amplifier is optimized with
the feedback resistor network (RF, RG) values
recommended in the application circuits. The amplifier
bandwidth and gain peaking are directly affected by the
value(s) of the feedback resistor(s) in unity gain and gain >1
configurations. Transient response performance can be
tailored simply by changing these resistor values. Generally,
lower values of RF and RG increase bandwidth and gain
peaking. This has the effect of decreasing rise/fall times and
increasing overshoot.
Ground Connections
For the best isolation and crosstalk rejection, the GND pin
and NIC pins must connect to the GND plane.
FIGURE 25A. GAIN OF 1 APPLICATION CIRCUIT
FIGURE 25B. GAIN OF 2 APPLICATION CIRCUIT
VIN
50
357
CG
-
+
0.4pF < CG < 0.7pF
0.6pF
PC BOARD
CAPACITANCE
*CL: TOTAL LOAD CAPACITANCE
COUT: OUTPUT CAPACITANCE
CT: TRACE CAPACITANCE
COUT
RL = 500Ω
VOUT
3.3pF
*CL = CT + COUT
CT
1.6pF
VIN
50
100
CG
-
+
100
0.4pF < CG < 0.7pF
0.6pF
PC BOARD
CAPACITANCE
COUT
RL = 500Ω
VOUT
4.7pF
*CL = CT + COUT
CT
1.6pF
ISL59421


Similar Part No. - ISL59421IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421IUZ RENESAS-ISL59421IUZ Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IUZ-T13 RENESAS-ISL59421IUZ-T13 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IUZ-T7 RENESAS-ISL59421IUZ-T7 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

Similar Description - ISL59421IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com