Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55002 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL55002
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL55002 Datasheet HTML 6Page - Intersil Corporation ISL55002 Datasheet HTML 7Page - Intersil Corporation ISL55002 Datasheet HTML 8Page - Intersil Corporation ISL55002 Datasheet HTML 9Page - Intersil Corporation ISL55002 Datasheet HTML 10Page - Intersil Corporation ISL55002 Datasheet HTML 11Page - Intersil Corporation ISL55002 Datasheet HTML 12Page - Intersil Corporation ISL55002 Datasheet HTML 13Page - Intersil Corporation ISL55002 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7497.1
July 15, 2005
For sourcing:
For sinking:
Where:
•VS = Supply voltage
•ISMAX = Maximum quiescent supply current
•VOUT = Maximum output voltage of the application
•RLOAD = Load resistance tied to ground
•ILOAD = Load current
• N = number of amplifiers (max = 2)
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing Printed Circuit Board
Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as short as possible. The power supply
pin must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
Printed Circuit Board Layout
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier's inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
Application Circuits
Sullen Key Low Pass Filter
A common and easy to implement filter taking advantage of
the wide bandwidth, low offset and low power demands of
the ISL55002 and ISL55004. A derivation of the transfer
function is provided for convenience (See Figure 28).
Sullen Key High Pass Filter
Again this useful filter benefits from the characteristics of the
ISL55002 and ISL55004. The transfer function is very similar
to the low pass so only the results are presented (See Figure
29).
PDMAX
VS ISMAX
VS VOUTi
()
i1
=
n
VOUTi
RLi
-----------------
×
+
×
=
PDMAX
VS ISMAX
VOUTi VS
()
i1
=
n
ILOADi
×
+
×
=
ISL55002, ISL55004


Similar Part No. - ISL55002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
EL2242D ELANTEC-EL2242D Datasheet
341Kb / 1P
   Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com