Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5100A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL5100A
Description  Quad 18V Pin Electronics Driver/Window Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5100A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL5100A Datasheet HTML 1Page - Intersil Corporation ISL5100A Datasheet HTML 2Page - Intersil Corporation ISL5100A Datasheet HTML 3Page - Intersil Corporation ISL5100A Datasheet HTML 4Page - Intersil Corporation ISL5100A Datasheet HTML 5Page - Intersil Corporation ISL5100A Datasheet HTML 6Page - Intersil Corporation ISL5100A Datasheet HTML 7Page - Intersil Corporation ISL5100A Datasheet HTML 8Page - Intersil Corporation ISL5100A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7486.0
ISL55100A
Quad 18V Pin Electronics Driver/Window
Comparator
The ISL55100 is a Quad pin driver and window comparator
fabricated in a wide voltage CMOS process. It is designed
specifically for Test During Burn In (TDBI) applications,
where cost, functional density, and power are all at a
premium.
This IC incorporates four channels of programmable drivers
and window comparators into a small 72 Ld QFN package.
Each channel has independent driver levels, data, and high
impedance control. Each receiver has dual comparators
which provide high and low threshold levels.
The ISL55100 uses differential mode digital inputs, and can
therefore mate directly with LVDS or CML outputs. Single
ended logic families are handled by connecting one of the
digital input pins to an appropriate threshold voltage (e.g.,
1.4V for TTL compatibility). The comparator outputs are
single ended, and the output levels are user defined to mate
directly with any digital technology.
The 18V driver output and receiver input ranges allow this
device to interface directly with TTL, ECL, CMOS (3V, 5V,
and 7V), LVCMOS, and custom level circuitry, as well as the
high voltage (Super Voltage) level required for many special
test modes for Flash Devices.
Functional Block Diagram
Features
• Low Driver Output Resistance
-ROUT Maximum: ISL55100A 7.0
• 18V I/O Range
• 50MHz Operation
• 4 Channel Driver/Receiver Pairs with Per Pin Flexibility
• Dual Level - Per Pin - Input Thresholds
• Differential or Single Ended Digital Inputs
• User Defined Comparator Output Levels
• Low Channel to Channel Timing Skew
• Small Footprint (72 Ld QFN)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Burn In ATE
• Wafer Level Flash Memory Test
• LCD Panel Test
• Low Cost ATE
• Instrumentation
•Emulation
• Device Programmers
CVA(0-3)
CVB(0-3)
VINP(0-3)
QA(0-3)
COMP HIGH
DATA-(0-3)
DRVEN+(0-3)
DATA+(0-3)
VH(0-3)
VL(0-3)
COMP LOW
VCC
VEE
COMP HIGH
COMP LOW
VCC
VEE
QB(0-3)
QUAD - DUAL LEVEL COMPARATOR - RECEIVERS
+
-
+
-
DOUT(0-3)
DRVEN-(0-3)
QUAD - WIDE RANGE, LOW ROUT, TRI-STATEABLE - DRIVERS
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
ISL55100AIRZ
(See Note)
ISL55100
AIRZ
-40 to +85
72 Ld QFN
(Pb-free)
L72.10x10
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
October 31, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL5100A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Similar Description - ISL5100A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com