Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3874 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL3874
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3874 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3874 Datasheet HTML 1Page - Intersil Corporation ISL3874 Datasheet HTML 2Page - Intersil Corporation ISL3874 Datasheet HTML 3Page - Intersil Corporation ISL3874 Datasheet HTML 4Page - Intersil Corporation ISL3874 Datasheet HTML 5Page - Intersil Corporation ISL3874 Datasheet HTML 6Page - Intersil Corporation ISL3874 Datasheet HTML 7Page - Intersil Corporation ISL3874 Datasheet HTML 8Page - Intersil Corporation ISL3874 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
ISL3874 Signal Descriptions
TABLE 1. HOST INTERFACE PINS
PIN NAME
PIN
NUMBER
PIN I/O TYPE
DESCRIPTION
HAD31
A8
5V Tol, CMOS, BiDir PCI address/data bus bit 31. These signals make up the multiplexed PCI address and data bus on
the primary interface. During the address phase of a primary bus PCI cycle, HAD31-HAD0 contain a
32-bit address or other destination information. During the data phase, HAD31-HAD0 contain data.
HAD30
A9
5V Tol, CMOS, BiDir PCI address/data bus bit 30.
HAD29
C8
5V Tol, CMOS, BiDir PCI address/data bus bit 29.
HAD28
A10
5V Tol, CMOS, BiDir PCI address/data bus bit 28.
HAD27
B9
5V Tol, CMOS, BiDir PCI address/data bus bit 27.
HAD26
B10
5V Tol, CMOS, BiDir PCI address/data bus bit 26.
HAD25
C9
5V Tol, CMOS, BiDir PCI address/data bus bit 25.
HAD24
A11
5V Tol, CMOS, BiDir PCI address/data bus bit 24.
HAD23
B11
5V Tol, CMOS, BiDir PCI address/data bus bit 23.
HAD22
B12
5V Tol, CMOS, BiDir PCI address/data bus bit 22.
HAD21
A12
5V Tol, CMOS, BiDir PCI address/data bus bit 21.
HAD20
A13
5V Tol, CMOS, BiDir PCI address/data bus bit 20.
HAD19
C12
5V Tol, CMOS, BiDir PCI address/data bus bit 19.
HAD18
A14
5V Tol, CMOS, BiDir PCI address/data bus bit 18.
HAD17
C13
5V Tol, CMOS, BiDir PCI address/data bus bit 17.
HAD16
C14
5V Tol, CMOS, BiDir PCI address/data bus bit 16.
HAD15
E14
5V Tol, CMOS, BiDir PCI address/data bus bit 15.
HAD14
E15
5V Tol, CMOS, BiDir PCI address/data bus bit 14.
HAD13
F16
5V Tol, CMOS, BiDir PCI address/data bus bit 13.
HAD12
F15
5V Tol, CMOS, BiDir PCI address/data bus bit 12.
HAD11
F14
5V Tol, CMOS, BiDir PCI address/data bus bit 11.
HAD10
G16
5V Tol, CMOS, BiDir PCI address/data bus bit 10.
HAD9
G15
5V Tol, CMOS, BiDir PCI address/data bus bit 9.
HAD8
G14
5V Tol, CMOS, BiDir PCI address/data bus bit 8.
HAD7
H15
5V Tol, CMOS, BiDir PCI address/data bus bit 7.
HAD6
G13
5V Tol, CMOS, BiDir PCI address/data bus bit 6.
HAD5
J15
5V Tol, CMOS, BiDir PCI address/data bus bit 5.
HAD4
J14
5V Tol, CMOS, BiDir PCI address/data bus bit 4.
HAD3
K14
5V Tol, CMOS, BiDir PCI address/data bus bit 3.
HAD2
K15
5V Tol, CMOS, BiDir PCI address/data bus bit 2.
HAD1
L14
5V Tol, CMOS, BiDir PCI address/data bus bit 1.
HAD0
L16
5V Tol, CMOS, BiDir PCI address/data bus bit 0.
HBE3
C10
5V Tol, CMOS, BiDir PCI bus commands and byte enables. These signals are multiplexed on the same PCI terminals.
During the address phase of a primary bus PCI cycle, HBE3-HBE0 define the bus command. During
the data phase, this 4-bit bus is used as byte enables. The byte enables determine which byte paths
of the full 32-bit data bus carry meaningful data. HBE3 applies to byte 3 (HAD31-HAD24).
HBE2
B14
5V Tol, CMOS, BiDir PCI bus commands and byte enables. HBE2 applies to byte 2 (HAD23-HAD16).
HBE1
E16
5V Tol, CMOS, BiDir PCI bus commands and byte enables. HBE1 applies to byte 1 (HAD15-HAD8).
ISL3874


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn