Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873A Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL3873A
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3873A Datasheet HTML 1Page - Intersil Corporation ISL3873A Datasheet HTML 2Page - Intersil Corporation ISL3873A Datasheet HTML 3Page - Intersil Corporation ISL3873A Datasheet HTML 4Page - Intersil Corporation ISL3873A Datasheet HTML 5Page - Intersil Corporation ISL3873A Datasheet HTML 6Page - Intersil Corporation ISL3873A Datasheet HTML 7Page - Intersil Corporation ISL3873A Datasheet HTML 8Page - Intersil Corporation ISL3873A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
TM
File Number
8015.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved
ISL3873A
Wireless LAN Integrated Medium Access
Controller with Baseband Processor
The Intersil ISL3873A Wireless LAN
Integrated Medium Access Controller
with Integrated Baseband Processor
is part of the PRISM® 2.4GHz radio
chip set. The ISL3873A directly interfaces with the Intersil’s
IF QMODEM (HFA3783). Adding Intersil’s RF/IF Converter
(ISL3685) and Intersil’s Power Amp (HFA3983) offers the
designer a complete end-to-end WLAN Chip Set solution.
Protocol and PHY support are implemented in firmware thus,
supporting customization of the WLAN solution.
Firmware implements the full IEEE 802.11 Wireless LAN
MAC protocol. It supports BSS and IBSS operation under
DCF, and operation under the optional Point Coordination
Function (PCF). Low level protocol functions such as
RTS/CTS generation and acknowledgment, fragmentation
and de-fragmentation, and automatic beacon monitoring are
handled without host intervention. Active scanning is
performed autonomously once initiated by host command.
Host interface command and status handshakes allow
concurrent operations from multi-threaded I/O drivers.
Additional firmware functions specific to access point
applications are also available.
The ISL3873A has on-board A/Ds and D/A for analog I and
Q inputs and outputs, for which the HFA3783 IF QMODEM is
recommended. Differential phase shift keying modulation
schemes DBPSK and DQPSK, with data scrambling
capability, are available along with Complementary Code
Keying to provide a variety of data rates. Both Receive and
Transmit AGC functions with 7-bit AGC control obtain
maximum performance in the analog portions of the
transceiver.
Built-in flexibility allows the ISL3873A to be configured
through a general purpose control bus, for a range of
applications. The ISL3873A is housed in a thin plastic BGA
package suitable for PCMCIA board applications.
The ISL3873A is designed to provide maximum
performance with minimum power consumption. External pin
layout is organized to provide optimal PC board layout to all
user interfaces including PCMCIA and USB.
Features
• PCMCIA Host Interface and compatibility with USB V1.1.
• New Start Up Modes Allow the PCMCIA Card Information
Structure to be Initialized From a Serial EEPROM. This
Allows Firmware to be Downloaded from the Host,
Eliminating the Parallel Flash Memory Device
• Firmware Can be Loaded from Serial Flash Memory
• Zero Glue Connection to 16-Bit Wide SRAM Devices
• Low Frequency Crystal Oscillator to Maintain Time and
Allow Baseband Clock Source to Power off During Sleep
Mode
• Improved Performance of Internal WEP Engine
• Improvements to Debug Mode Support Tracing Execution
From on Chip Memory
• Programmable MBUS Cycle Extension Allows Accessing
of Slow Memory Devices Without Slowing the Clock
• Complete DSSS Baseband Processor
• RAKE Receiver with Decision Feedback Equalizer
• Processing Gain ...... ...... ..... ....FCC Compliant
• Programmable Data Rate .... ....1, 2, 5.5, and 11Mbps
• Ultra SmallPackage... ...... ..... ...... .14 x 14mm
• Single Supply Operation ..... ..... ...... 2.7V to 3.6V
• Modulation Methods. . . ..... DBPSK, DQPSK, and CCK
• Supports Full or Half Duplex Operations
• On-Chip A/ D and D/A Converters for I/Q Data (6-Bit,
22MSPS), AGC, and Adaptive Power Control (7-Bit)
• Targeted for Multipath Delay Spreads 125ns at 11Mbps,
250ns at 5.5Mbps
• Supports Short Preamble and Antenna Diversity
Applications
• PC Card Wireless LAN Adapters
• USB and PCMCIA Wireless LAN Adapters
• PCN / Wireless PBX / Wireless Local Loop
• High Data Rate Wireless LAN Systems Targeting IEEE
802.11b Standard
• Wireless LAN Access Points and Bridge Products
• Spread Spectrum WLAN RF Modems
• TDMA or CSMA Packet Protocol Radios
• PCI Wireless LAN Cards (Using Ext. Bridge Chip)
• ISA, ISA PNP WLAN Cards
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PART
NUMBER
ISL3873AIK
-40 to 85
192 BGA
V192.14x14
ISL3873AIK-TK
-40 to 85
Tape and Reel 1000 Units /Reel
Data Sheet
September 2001
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.
PRISM® is a registered trademark of Intersil Americas Inc.
PRISM and design is a trademark of Intersil Americas Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn