Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873A Datasheet(PDF) 41 Page - Intersil Corporation

Part No. ISL3873A
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873A Datasheet(HTML) 41 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
41
CONFIGURATION REGISTER ADDRESS 62 (7Eh) R RSSI
Bit 7:0
a&b: 8-bit value of Packet RSSI, unsigned, range 0 to 255 dB.
CONFIGURATION REGISTER ADDRESS 63 (80h) R RECEIVE STATUS
Bit 7:6
a&b: signal field value (HRfieldmatch/QPSKwd_OK).
00 = 1.
01 = 2.
10 = 5.5.
11 = 11.
Bit 5
a&b: SFD found.
Bit 4
a&b: Short preamble detected.
Bit 3
a&b: valid signal field found.
Bit 2
a&b: valid CRC 16.
Bit 1
a&b: Antenna selected by receiver when last valid header CRC occurred.
Bit 0
a&b: not used.
ISL3873A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn