Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873A Datasheet(PDF) 34 Page - Intersil Corporation

Part No. ISL3873A
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873A Datasheet(HTML) 34 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
34
Bit 3
Q DAC clock.
0 = enable.
1 = disable.
Bit 2
RF A/D clock.
0 = enable.
1 = disable.
Bit 1
I A/D clock.
0 = enable.
1 = disable.
Bit 0
Q A/D clock.
0 = enable.
1 = disable.
CONFIGURATION REGISTER 12 ADDRESS (18h) R/W A/D TEST MODES 1 (Continued)
CONFIGURATION REGISTER 13 ADDRESS (1Ah) R/W A/D TEST MODES 2
Bit 7
Standby.
1 = enable.
0 = disable.
Bit 6
SLEEPTX.
1 = enable.
0 = disable.
Bit 5
SLEEP RX.
1 = enable.
0 = disable.
Bit 4
SLEEP IQ.
1 = enable.
0 = disable.
Bit 3
Analog TX Shut_down.
1 = enable.
0 = disable.
Bit 2
Analog RX Shut_down.
1 = enable.
0 = disable.
Bit 1
Analog Standby.
1 = enable.
0 = disable.
Bit 0
Enable manual control of mixed signal power down signals using bits 1:7.
1 = enable.
0 = disable, normal operation (devices controlled by RESET, TX_PE, RX_PE).
CONFIGURATION REGISTER 14 ADDRESS (1Ch) R/W A/D TEST MODES 3
Bit 7
Digital format, select output of I/Q and RF A/D converters.
0 = 2’s complement (normal).
1 = binary.
Bits 6:4
I/Q DAC input control. This DAC gives an analog look at various internal digital signals that are suitable for analog
representation.
000 = normal (TX filter).
001 = down converter output.
010 = E/L integrator - upper 6 bits of the TCHIPacc on (Q) and zeros on (I).
011 = I/ Q A/D’s.
100 = Bigger picker output. Upper 6 bits of FWT_I winner and FWT_Q winner.
101 = CMF weights - upper 6 bits of all 16 CMF weights are circularly shifted with full scale negative sync pulse interleaved
between them.
110 = Test Bus pins (5:0) when configured as inputs, CR32(4), ((5:0) to both I and Q inputs).
111 = Barker Correlator/ low rate samples - as selected by bit 7 CR32.
ISL3873A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn