Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873A Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL3873A
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873A Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
ISL3873A Signal Descriptions
Host Interface Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION
HA0-9
5V tol, CMOS, Input, 50K Pull Down
Host PC Card Address Input, Bits 0 to 9
HCE1-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Select, Low Byte
HCE2-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Select, High Byte
HD0-15
5V tol, BiDir, 2mA, 50K Pull Down
Host PC Card Data Bus, Bit 0 to 15
HINPACK-
CMOS Output, 2mA
Host PC Card I/O Decode Confirmation
HIORD-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card I/O Space Read Strobe
HIOWR-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card I/O Space Write Strobe
HRDY/HIREQ-
CMOS Output, 4mA
Host PC Card interrupt Request (I/O Mode), also used as PC Card
Ready (Memory Mode) output which is asserted to indicate card
initialization is complete
HOE-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Memory Attribute Space Output Enable
HREG-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Attribute Space Select
RESET
5V tol, CMOS, ST Input, 50K Pull Up
Hardware Reset. Self-asserted by internal pull-up at power-on. Clock
signal CLKIN or XTALIN must be available before negation of Reset.
Value of MD[15..0] copied to MDIR[15..0] and various control register
bits on the first MCLK following release of Reset
HSTSCHG-
CMOS Output, 4mA
Host PC Card Status Change
HWAIT-
CMOS Output, 4mA
Host Wait, asserted to indicate data transfer not complete and to force
force host bus wait states
HWE-
5V tol, CMOS Input, 50K Pull Up
Host PC Card Memory Attribute Space Write Enable
USB INTERFACE PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
USB+
CMOS BiDir, 2mA, (Also USB Transceiver)
USB, MBUS Address Bit 20, or I/O as PL5
USB-
CMOS BiDir, 2mA, (Also USB Transceiver)
USB, MBUS Address Bit 21, or I/O as PL6
USB_DETECT
Input, 5V tolerant, pull-down
Sense USB VBUS to indicate cable attachment
Memory Interface Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION
MUBE- / MA0 /
MWEH-
CMOS TS Output, 2mA
MBUS Upper Byte Enable for x16 Memory; MBUS Address Bit 0 (byte)
for x8 Memory; High Byte Write Enable for 2 x8 Memories
MA1-18
CMOS TS Output, 2mA
MBUS Address Bits 1 to 18
PL4-MA19
CMOS BiDir, 2mA
MBUS Address Bit 19
MLBE-
CMOS TS Output, 2mA, 50K Pull Up
MBUS Lower Byte Enable, or I/O as PM2
MOE-
CMOS TS Output, 2mA
Memory Output Enable
MWE- / MWEL-
CMOS TS Output, 2mA
Low (or only) Byte Memory Write Enable
RAMCS-
CMOS TS Output, 2mA
RAM Select
NVCS-
CMOS TS Output, 2mA
NV Memory Select
MD0-7
5V tol, CMOS, BiDir, 2mA, 100K Pull Up
MBUS Low Data Byte, Bits 0 to 7
MD8-15
5V tol, CMOS, BiDir, 2mA
50K Pull-Downs on MD15, MD14, MD13, MD11,
MD10, MD09
50K Pull-Ups MD12, MD08
MBUS High Data Byte, Bits 8 to 15
Default power up states are defined by pull-up and pull-down internal
resistors as shown. Device defaults to external EEPROM for boot up
mode. Using external 10K resistors, configure these pins according to
Table 4 to change power-up configuration
ISL3873A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn