Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3842AIN-TK Datasheet(PDF) 19 Page - Intersil Corporation

Part # HFA3842AIN-TK
Description  PCMCIA/USB Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3842AIN-TK Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HFA3842AIN-TK Datasheet HTML 15Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 16Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 17Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 18Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 19Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 20Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 21Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 22Page - Intersil Corporation HFA3842AIN-TK Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
SYNTHESIZER
For the PRISM II, the synthesizer is programmed by
firmware using different pins than the MMI. The HFA3842A
will exchange data with the baseband during transmit and
receive operations over the MMI interface. If the MMI
interface was connected to the front end chips, the
transitions on SCLK and SD could couple noise into them.
The synthesizer serial bus consists of SYNTHDATA,
SYNTHCLK, LE_IF and LE_RF. SYNTHDATA is on pin PK2,
SYNTHCLK is on PK1, LE_IF is the enable for the HFA3783
Quad IF chip, and LE_RF is the enable for the HFA3683
synthesizer.
Data is provided on SYNTHDATA and clock on SYNTHCLK.
The data is updated the falling edge of SYNTHCLK and
expected to be latched into the synthesizer on the rising
edge. The enable signal LE_RF is asserted while data is
clocked out.
PHY Data Interface (MDI)
The HFA3842A has a dedicated serial port to provide the
data interface to the baseband processor. This is referred to
as the Modem Data Interface (MDI). The MDI operates on
the data being transferred to and from the baseband on a
word by word basis. There are no FIFOs needed, since the
firmware is able to control the protocol in real time.
The MDI performs the following functions:
• Serial to parallel conversion of received data from the
baseband, with synchronization between the incoming RX
clock to the internal HFA3842A clock.
• Generating CRCs (HEC and FCS) from the received data
stream to verify correct reception.
• Decrypt the received data when WEP is enabled.
• Parallel to serial conversion of transmit data, with the
serial timing synchronized with the TX clock.
• Insertion of the CRCs (HEC and FCS) at the appropriate
point during transmission.
• Encrypt the transmitted data when WEP is enabled.
The receive data path uses RX_RDY, RXC, RXD. The
transmit data path uses TX_RDY, TXC, TXD and the CCA
input to determine (under the IEEE802.11 protocol) whether
to transmit.
tSCP
tSCW
tSCW
tSCS
tSCH
tSCD
tSCED
tSCED
SCLK
SDI, R/W, SD, CS
SD (AS OUTPUT)
R/W
SD
FIGURE 19. BBP CONTROL PORT SIGNAL TIMING
TABLE 7. BBP CONTROL PORT AC ELECTRICAL
SPECIFICATIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
SCLK Clock Period
tSCP
90
-
ns
SCLK Width Hi or Low
tSCW
20
-
ns
SetuptoSCLK + Edge
(SD, SDI, R/W, CS)
tSCS
30
-
ns
Hold Time from SCLK +
Edge (SD, SDI, R/W, CS)
tSCH
0-
ns
SD Out Delay from SCLK +
Edge
tSCD
-30
ns
SD Out Enable/Disable
from R/W
tSCED
-15
ns
FIGURE 20. SYNTHESIZER DATA FORMAT
LE_RF
SYNTHCLK
SYNTHDATA
D23
D22
D21
D20
D1
D0
HFA3842A


Similar Part No. - HFA3842AIN-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842BIN INTERSIL-HFA3842BIN Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842BIN-TK INTERSIL-HFA3842BIN-TK Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842IN INTERSIL-HFA3842IN Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
More results

Similar Description - HFA3842AIN-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com