Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3842B Datasheet(PDF) 18 Page - Intersil Corporation

Part # HFA3842B
Description  PCMCIA/USB Wireless LAN Medium Access Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3842B Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HFA3842B Datasheet HTML 14Page - Intersil Corporation HFA3842B Datasheet HTML 15Page - Intersil Corporation HFA3842B Datasheet HTML 16Page - Intersil Corporation HFA3842B Datasheet HTML 17Page - Intersil Corporation HFA3842B Datasheet HTML 18Page - Intersil Corporation HFA3842B Datasheet HTML 19Page - Intersil Corporation HFA3842B Datasheet HTML 20Page - Intersil Corporation HFA3842B Datasheet HTML 21Page - Intersil Corporation HFA3842B Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
PHY BASEBAND PROCESSOR
The PHY baseband processor is programmed by HFA3842B
firmware.
The PRISM II baseband processor mode works as follows:
The Control Port consists of 3 signals: SD (serial data),
SCLK (serial clock), and CS_BAR (active-low chip select).
Control Port signaling for read and write operations is
illustrated in Figures 17 and 18 respectively. Detailed timing
relationships appear in Figure 19 and timing specifications
are contained in Table 7.
The BBP always uses the rising edge when clocking data on
the Control Port. This means that when the BBP is receiving
data it uses the rising edge of clock to sample; when driving
data, transitions occur on the rising edge.
Address bits 6 through 1 are significant for selecting
configuration registers. Address bits 7 and 0 are unused.
See the BBP Programming section for register addresses
and suggested values.
For read operations, the rising edge of R/W must occur after
the 7th but prior to the 8th rising edge of SCLK. This ensures
that the first data bit is clocked out of the BBP prior to the
edge used to clock it into the MAC.
For more detailed information on the Control Port and BBP
register programming see the HFA386x data sheets.
FIGURE 16. BLOCK DIAGRAM OF A BUFFER ACCESS PATH
BUFFER DESCRIPTOR
ACCESS (FIRMWARE)
ALLOCATE/
DEALLOCATE
REQUEST
BLOCK
OFFSET
VIRTUAL
FRAME BUFFER
DATA PORT
PRE-READ/
POST-WRITE
OFFSET CENTER
HOST
BUS
STATUS
HEADER
DATA
BUFFER
MEMORY
A
FID
D
7
6
54
3
2
1
0
7
6
5
4
32
1
0
7
6
5
4
32
1
0
76 5
4
3
2
76
1
0
SCLK
FIRST DATABIT OUT
MSB
ADDRESS IN
DATA OUT
MSB
LSB
FIRST ADDRESS BIT
SD
R/W
CS
FIGURE 17. PRISM II BASEBAND PROCESSOR CONTROL PORT READ TIMING
7
6
5
4
32
10
7
6
54
3
2
10
7
6543
2
10
7
6
5
4
3
2
1
0
SCLK
MSB
ADDRESS IN
MSB
DATA IN
LSB
SD
R/W
CS
FIGURE 18. PRISM II BASEBAND PROCESSOR SERIAL CONTROL PORT WRITE TIMING
HFA3842B


Similar Part No. - HFA3842B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN INTERSIL-HFA3842AIN Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN-TK INTERSIL-HFA3842AIN-TK Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842IN INTERSIL-HFA3842IN Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
More results

Similar Description - HFA3842B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com