Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA3842A Datasheet(PDF) 23 Page - Intersil Corporation

Part No. HFA3842A
Description  PCMCIA/USB Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3842A Datasheet(HTML) 23 Page - Intersil Corporation

Back Button HFA3842A Datasheet HTML 19Page - Intersil Corporation HFA3842A Datasheet HTML 20Page - Intersil Corporation HFA3842A Datasheet HTML 21Page - Intersil Corporation HFA3842A Datasheet HTML 22Page - Intersil Corporation HFA3842A Datasheet HTML 23Page - Intersil Corporation HFA3842A Datasheet HTML 24Page - Intersil Corporation HFA3842A Datasheet HTML 25Page - Intersil Corporation HFA3842A Datasheet HTML 26Page - Intersil Corporation HFA3842A Datasheet HTML 27Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
The USB along with USB support firmware provides an
alternate host interface for attaching an 802.11{b} WLAN
adapter to a host computer. This interface does not provide
“wireless USB” where USB packets are sent on the wireless
medium due to timing constraints in the USB protocol.
USB+ and USB- are the differential pair signals provided for
the user. These signals are capable of directly driving a USB
cable.
USB_DETECT is a 5V tolerant input to the HFA3842A device.
It is used to signal the MAC processor that a USB cable is
attached to the unit.
Complete details on the USB firmware for controlling this port
can be obtained by contacting the factory directly.
Power Sequencing
The HFA3842A provides a number of firmware controlled
port pins that are used for controlling the power sequencing
and other functions in the front end components of the PHY.
Packet transmission requires precise control of the radio.
Ideally, energy at the antenna ceases after the last symbol of
information has been transmitted. Additionally, the
transmit/receive switch must be controlled properly to protect
the receiver. It's also important to apply appropriate
modulation to the PA while it's active.
Signaling sequences for the beginning and end of normal
transmissions are illustrated in Figure 25. Table 10 lists
applicable delays.
A transmission begins with PE2 as shown in Figure 25. Next,
the transmit/receive switch is configured for transmission via
the differential pair TR_SW and TR_SW_BAR. This is
followed by TX_PE which activates the transmit state machine
in the BBP. Lastly, PA_PE activates the PA. Delays for these
signals related to the initiation of transmission are referenced
to PE2.
Immediately after the final data bit has been clocked out of the
HFA3842A, TX_PE is de-asserted. The HFA3842A then waits
for TXRDY to go inactive, signaling that the BBP has
modulated the final information-rich symbol. It then
immediately de-asserts PA_PE followed by placing the
transmit/receive switch in the receive position and ending with
PE2 going high. Delays for these signals related to the
termination of transmission are referenced to the rising edge
of PE2.
PE1 and PE2 encoding details are found in Table 11.
Note that during normal receive and transmit operation that
PE1 is static and PE2 toggles for receive and transmit
states.
FIGURE 25. TRANSMIT CONTROL SIGNAL SEQUENCING
PE1
PE2
TR_SW
TR_SW_BAR
TX_PE
TX_RDY
PA_PE
tD1
tD5
tD3
tD4
TABLE 10. TRANSMIT CONTROL TIMING SPECIFICATIONS
PARAMETER
SYMBOL
DELAY
TOLERANCE UNITS
PE2toTR Switch
tD1
2
±0.1
µs
PE2 to PA_PE
tD3
3
±0.1
µs
PA_PE to PE2
tD4
3
±0.1
µs
TR Switch to PE2
tD5
2
±0.1
µs
TABLE 11. POWER ENABLE STATES
PE1
PE2
PLL_PE
Power Down State
001
Receive State
1
1
1
Transmit State
1
0
1
PLLActiveState
0
1
1
PLL Disable State
X
X
0
NOTE:
21. PLL_PE is controlled via the serial interface, and can be used to
disable the internal synthesizer, the actual synthesizer control is
an AND function of PLL_PE, and a result of the OR function of
PE1 and PE2. PE1 and PE2 will directly control the power
enable functionality of the LO buffer(s)/phase shifter.
HFA3842A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn