Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA3842A Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HFA3842A
Description  PCMCIA/USB Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3842A Datasheet(HTML) 2 Page - Intersil Corporation

  HFA3842A Datasheet HTML 1Page - Intersil Corporation HFA3842A Datasheet HTML 2Page - Intersil Corporation HFA3842A Datasheet HTML 3Page - Intersil Corporation HFA3842A Datasheet HTML 4Page - Intersil Corporation HFA3842A Datasheet HTML 5Page - Intersil Corporation HFA3842A Datasheet HTML 6Page - Intersil Corporation HFA3842A Datasheet HTML 7Page - Intersil Corporation HFA3842A Datasheet HTML 8Page - Intersil Corporation HFA3842A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
Pinout
128 LEAD LQFP
Simplified Block Diagram
103
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
INDEX
LFXTALI
CLKIN
LFXTALO
VSS_IO3
PL4
MD15
MD14
MD13
MD12
MD11
MD10
MD9
MD8
VSS_IO3
VCC_CORE3
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
MLBE-
PK3
PK4
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
HINPACK-
HWAIT-
HA0
HA1
HA2
HA3
HA4
HA5
HA6
HA7
HIREQ-
VSS_IO3
HWE-
HA8
HA9
HIOWR-
HIORD-
HOE-
HCE2-
HD15
VCC_IO3
HD14
HD13
HD12
HD11
SB ATTACHED
39
PRISM RADIO
TXD/RXD
CTRL/STATUS
SERIAL CONTROL
PHY
SERIAL
CONTROL
(MMI)
PRISM RADIO
RADIO AND SYNTH
MICRO-
PROGRAMMED
MAC ENGINE
MEMORY
WEP
ENGINE
PC CARD
ON-CHIP
RAM
44MHz CLOCK
SOURCE
EXTERNAL
SRAM AND
FLASH
MEMORY
HOST
COMPUTER
DATA
ADDRESS
HFA3842A
USB
HOST
INTERFACE
USB
CONTROL
ON-CHIP
ROM
BASEBAND
PROCESSOR
RF SECTION
SERIAL CONTROL
INTERFACE
(MDI)
CONTROLLER
HOST
INTERFACE
THE3842 MUST BESUPPLIED WITH A
SEPARATE 48MHz CLOCK WHEN USB IS USED.
HFA3842A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn