Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2559MP18X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN2559MP18X
Description  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2559MP18X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2559MP18X Datasheet HTML 4Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 9Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 10Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 11Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
8
REV. 1.0.4 3/15/04
General PCB Layout Considerations
For optimum device performance, careful circuit layout and
grounding techniques must be used. Establishing a small
local ground, to which the GND pin, and the output and
bypass capacitors are connected, is recommended. The input
capacitor should be grounded to the main ground plane. The
quiet local ground is then routed back to the main ground
plane using feed through via. In general, the high-frequency
compensation components (input, bypass, and output capaci-
tors) should be located as close to the device as possible.
Close proximity of the output capacitor is especially impor-
tant to achieve optimum performance, especially during high
load conditions. A large copper area in the local ground
serves as heat sink (as discussed above) when high power
dissipation significantly increases device temperature. Com-
ponent-side copper provides significantly better thermal per-
formance. Added feed through connecting the device side
ground plane to the back plane further reduces thermal resis-
tance.


Similar Part No. - FAN2559MP18X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2559MP18X ONSEMI-FAN2559MP18X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Similar Description - FAN2559MP18X

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com