Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC109 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC109
Description  Dual JK Positive Edge?뭈riggered Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC109 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74AC109 Datasheet HTML 1Page - ON Semiconductor MC74AC109 Datasheet HTML 2Page - ON Semiconductor MC74AC109 Datasheet HTML 3Page - ON Semiconductor MC74AC109 Datasheet HTML 4Page - ON Semiconductor MC74AC109 Datasheet HTML 5Page - ON Semiconductor MC74AC109 Datasheet HTML 6Page - ON Semiconductor MC74AC109 Datasheet HTML 7Page - ON Semiconductor MC74AC109 Datasheet HTML 8Page - ON Semiconductor MC74AC109 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74AC109, MC74ACT109
http://onsemi.com
6
AC OPERATING REQUIREMENTS (continued)
Symbol
Fig.
No.
Unit
74ACT
74ACT
VCC*
(V)
Parameter
Symbol
Fig.
No.
Unit
TA = −40°C
to +85°C
CL = 50 pF
TA = +25°C
CL = 50 pF
VCC*
(V)
Parameter
Symbol
Fig.
No.
Unit
Guaranteed Minimum
Typ
VCC*
(V)
Parameter
trec
Recovery TIme
CDn or SDn to CP
5.0
0
0
ns
3−9
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
AC109
AWLYWW
MC74AC109N
AWLYYWW
AC
109
ALYW
ACT109
AWLYWW
ACT
109
ALYW
MC74ACT109N
AWLYYWW
DIP−16
SO−16
TSSOP−16
EIAJ−16
74AC109
ALYW
74ACT109
ALYW


Similar Part No. - MC74AC109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10 Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10 ONSEMI-MC74AC10 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10D ONSEMI-MC74AC10D Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10DG ONSEMI-MC74AC10DG Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10DR2G ONSEMI-MC74AC10DR2G Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
More results

Similar Description - MC74AC109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com