Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7564 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7564
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7564 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7564 Datasheet HTML 1Page - Intersil Corporation EL7564 Datasheet HTML 2Page - Intersil Corporation EL7564 Datasheet HTML 3Page - Intersil Corporation EL7564 Datasheet HTML 4Page - Intersil Corporation EL7564 Datasheet HTML 5Page - Intersil Corporation EL7564 Datasheet HTML 6Page - Intersil Corporation EL7564 Datasheet HTML 7Page - Intersil Corporation EL7564 Datasheet HTML 8Page - Intersil Corporation EL7564 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7297.3
May 9, 2005
Typical Application Diagrams (Continued)
EL7654
(28-PIN HTSSOP)
TOP VIEW
Closed-Loop AC Electrical Specifications
VS = VIN = 5V, TA = TJ = 25°C, COSC = 1.2nF, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
FOSC
Oscillator Initial Accuracy
105
117
130
kHz
tSYNC
Minimum Oscillator Sync Width
25
ns
MSS
Soft Start Slope
0.5
V/ms
tBRM
FET Break Before Make Delay
15
ns
tLEB
High Side FET Minimum On Time
150
ns
DMAX
Maximum Duty Cycle
95
%
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
28
27
26
25
0.22µF
22
2.2nF
VIN
5V
VOUT
3.3V, 4A
2.37k
1k
330µF
0.22µF
4.7µH
VREF
SGND
COSC
VDD
VTJ
PGND
PGND
PGND
PGND
VIN
EN
FB
PG
VDRV
VHI
LX
LX
LX
LX
LX
100pF
R4
C3
C2
C6
D1
L1
C7
R2
C10
R1
VIN
NC
STP
STN
LX
NC
PGND
PGND
0.1µF
390pF
C5
C4
330µF
EL7564


Similar Part No. - EL7564

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Elantec Semiconductor
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7564CM ELANTEC-EL7564CM Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7564CM RENESAS-EL7564CM Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Elantec Semiconductor
EL7564CM-T13 ELANTEC-EL7564CM-T13 Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
More results

Similar Description - EL7564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com