Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC327A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC327A
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC327A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC327A Datasheet HTML 1Page - Fairchild Semiconductor BC327A Datasheet HTML 2Page - Fairchild Semiconductor BC327A Datasheet HTML 3Page - Fairchild Semiconductor BC327A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BC327A Rev. A
BC327A
PNP Epitaxial Silicon Transistor
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-60
V
BVCES
Collector-Emitter Breakdown Voltage
IC= -100µA, VBE=0
-60
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
-5
V
ICES
Collector Cut-off Current
VCE= -45V, VBE=0
-100
nA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -500mA
100
40
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.7
V
VBE (on)
Base-Emitter On Voltage
VCE= -1V, IC= -300mA
-1.2
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA, f=20MHz
100
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
12
pF
1. Collector 2. Base 3. Emitter
TO-92
1


Similar Part No. - BC327A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BC327A CDIL-BC327A Datasheet
122Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC327A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com