Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC183LC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC183LC
Description  NPN General purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC183LC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC183LC Datasheet HTML 1Page - Fairchild Semiconductor BC183LC Datasheet HTML 2Page - Fairchild Semiconductor BC183LC Datasheet HTML 3Page - Fairchild Semiconductor BC183LC Datasheet HTML 4Page - Fairchild Semiconductor BC183LC Datasheet HTML 5Page - Fairchild Semiconductor BC183LC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, August 2002
Typical Characteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Curent
Figure 4. Base-Emitter ON Voltage
vs Collector Current
Figure 5. Collector-Cutoff Current
vs Ambient Temperature
Figure 6. Input and Output Capacitance
vs Reverse Bias Voltage
β
0.01
0.03
0.1
0.3
1
3
10
30
100
0
200
400
600
800
1000
1200
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
VCE = 5.0V
0.1
1
10
100
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β
ββββ = 10
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
β = 10
25 °C
- 40 °C
125
°°°°C
β
0.1
1
10
40
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5.0 V
CE
25 °C
- 40 °C
125
°°°°C
β
25
50
75
100
125
150
0.1
1
10
T - AMBIE NT TEMP ERATURE ( C)
A
V
= 45V
°
CB
04
8
12
16
20
0
1
2
3
4
5
REVERSE BIAS VOLTAGE (V)
f = 1.0 MHz
C ob
C
µ
µ
µ
µ
µ


Similar Part No. - BC183LC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC183L MICRO-ELECTRONICS-BC183L Datasheet
88Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & SWITCHES
logo
List of Unclassifed Man...
BC183L ETC-BC183L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
More results

Similar Description - BC183LC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com