Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2128A-M90D Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC2128A-M90D
Description  REMOTE FAN CONTROL IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A-M90D Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC2128A-M90D Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A-M90D Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Test Conditions
Value
Unit
Supply Voltage
VDD
--
0 ~ 6.0
V
Input/Output Voltage
VI,VO
VDD -VSS
-0.3V ~ VDD+0.3V
V
Power Dissipation
PD
VDD –VSS = 5.0
500
mW
Operating Temperature
Topr
--
-20 ~ +70
°C
Storage Temperature
Tstg
--
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
--
4.0
5.0
6.0
V
Stand-by Current
Iq
VDD=5.0V, Oscillator stops.
All output floating,
All input fixed to VDD.
--
134
200
µA
Input High Level Voltage
VIH
--
VDD-1.5
--
--
V
Input Low Level Voltage
VIL
--
--
--
1.5
V
Drive Current (COM)
IOH
VDD=5.0V, Vo=3.5V
15
21.5
--
mA
Sink Current (COM)
IOL
VDD=5.0V, Vo=1.5V
-12
-16.5
--
mA
Drive
Current
(LED1,
LED2,
LED3)
IOH
VDD=5.0V, Vo=3.5V
5
6.5
--
mA
Sink Current (LED1, LED2, LED3)
IOL
VDD=5.0V, Vo=1.5V
-4
-5.7
--
mA
Drive Current (OFF/BUZZ)
IOH
VDD=5.0V, Vo=2.5V
1.5
3.0
--
mA
Sink Current (OFF/BUZZ)
IOL
VDD=5.0V, Vo=2.5V
-2
-3.7
--
mA
Sink Current
(LO,MI,ST,SO1, SO2,LIT)
IOL
VDD=5.0V, Vo=2.5V
-6.5
-16
--
mA
Oscillation frequency
fOSC
--
--
32768
--
Hz
Key Press Duration
Tkey
--
80
--
--
ms
Remote Input Bit Duration
Tbit
--
2.0
2.5
3.0
ms


Similar Part No. - SC2128A-M90D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20D SILAN-SC2128C-C20D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20S SILAN-SC2128C-C20S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21D SILAN-SC2128C-C21D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21S SILAN-SC2128C-C21S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128A-M90D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com