Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT54HT1G Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BAT54HT1G
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54HT1G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAT54HT1G Datasheet HTML 1Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 2Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 3Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
BAT54HT1G, Rev. A
Typical Characteristics
1E-6
1E-5
1E-4
1E-3
0.01
0.1
0.0
0.2
0.4
0.6
0.8
75
oC
150
oC
25
oC
100
o
C
125
oC
Forward Voltage Drop, V
F[V]
0
5
10
15
20
25
30
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
150
o
C
125
o
C
100
o
C
75
oC
25
o
C
Reverse Voltage, V
R[V]
0
246
8
10
3
4
5
7
8
9
11
12
13
15
16
R everse Voltage, V
R [V ]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
1N5282 Small Signal Diode 1  2  Fairchild Semiconductor
1N914 SMALL SIGNAL DIODE 1  General Semiconductor
DAN803 Small Signal Diode Arrays 1  2  Diotec Semiconductor
1N456A Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn