Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT54HT1G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. BAT54HT1G
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54HT1G Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BAT54HT1G Datasheet HTML 1Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 2Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 3Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
BAT54HT1G, Rev. A
Small Signal Diode
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
30
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
600
mA
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
RθJA
Thermal Resistance, Junction to Ambient
600
°C/W
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 10µA30
V
VF
Forward Voltage
IF = 0.1mA
IF = 1.0mA
IF = 10mA
IF = 30mA
IF = 100mA
240
320
400
500
0.8
mV
mV
mV
mV
V
IR
Reverse Leakage
VR = 25V
2.0
µA
CT
Total Capacitance
VR = 1V, f = 1.0MHz
10
pF
trr
Reverse Recovery Time
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
5.0
ns
BAT54HT1G
Connection Diagram
2
1
1
2
A2
SOD-323


Similar Part No. - BAT54HT1G

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 3
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
119Kb / 4P
   Schottky Barrier Diodes
November, 2011 ??Rev. 6
SUNMATE electronic Co., LTD
SUNMATE electronic Co.,...
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
Fairchild Semiconductor
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
167Kb / 5P
   Schottky Barrier Diodes
ON Semiconductor
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
56Kb / 4P
   Schottky Barrier Diodes
December, 2014 ??Rev. 7
More results

Similar Description - BAT54HT1G

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
General Semiconductor
General Semiconductor
1N914 GE-1N914 Datasheet
29Kb / 1P
   SMALL SIGNAL DIODE
Fairchild Semiconductor
Fairchild Semiconductor
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
   Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
   Small Signal Diode
Isahaya Electronics Corporation
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
   SMALL-SIGNAL DIODE
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz