Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS16HT1G Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BAS16HT1G
Description  Small Signal Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAS16HT1G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAS16HT1G Datasheet HTML 1Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 2Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 3Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 4Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BAS16HT1G, Rev. A
Typical Characteristics
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100
µA
Figure 2. Reverse Current vs Reverse Voltage
IR - 10 to 100V
Figure 3. Forward Voltage vs Forward Current
VF - 1.0 to 100
µA
Figure 4. Forward Voltage vs Forward Current
VF - 0.1 to 10mA
Figure 5. Forward Voltage vs Forward Current
VF - 10 - 800mA
Figure 6. Total Capacitance
1
2
3
5
10
20
30
50
100
110
120
130
140
150
Reverse Current, I
R [uA]
Ta= 25
°C
Ta= 25
°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
10
20
30
50
70
100
0
50
100
150
200
250
300
Reverse Voltage, V
R [v]
225
1
2
3
5
10
20
30
50
100
250
300
350
400
450
Forward Current, I
F [uA]
F
485
Ta= 25
°C
0.1
0.2 0.3
0.5
1
2
3
5
10
450
500
550
600
650
700
Forward Current, I
F [mA]
725
Ta= 25
°C
10
20
30
50
100
200 300
500
0.6
0.8
1
1.2
1.4
Forward Current, I
F [mA]
1.5
Ta= 25
°C
02
46
8
10
12
14
1
1.1
1.2
1.3
Reverse Voltage [V]
Ta= 25
°C
15


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
1N5282 Small Signal Diode 1  2  Fairchild Semiconductor
1N914 SMALL SIGNAL DIODE 1  General Semiconductor
DAN803 Small Signal Diode Arrays 1  2  Diotec Semiconductor
1N456A Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn