Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2480CS-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2480CS-T13
Description  250MHz/3mA Current Mode Feedback Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2480CS-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2480CS-T13 Datasheet HTML 5Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 9Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 10Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 11Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 12Page - Intersil Corporation EL2480CS-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Until the EL2480, good Differential Gain could only be
achieved by running high idle currents through the output
transistors (to reduce variations in output impedance). These
currents were typically comparable to the entire 3mA supply
current of EL2480 amplifier! Special circuitry has been
incorporated in the EL2480 to reduce the variation of output
impedance with current output. This results in dG and dP
specifications of 0.05% and 0.05° while driving 150
Ω at a
gain of +2.
Video performance has also been measured with a 500
load at a gain of +1. Under these conditions, the EL2480 has
dG and dP specifications of 0.01% and 0.01° respectively
while driving 500
Ω at AV = +1.
Output Drive Capability
This amplifier of the EL2480 is capable of providing a
minimum of ±50mA. These output drive levels are
unprecedented in amplifiers running at these supply currents.
The ±50mA minimum output drive of the EL2480 amplifier
allows swings of ±2.5V into 50
Ω loads.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will decouple
the EL2480 from the cable and allow extensive capacitive
drive. However, other applications may have high capacitive
loads without a back-termination resistor. In these
applications, a small series resistor (usually between 5
Ω and
50
Ω) can be placed in series with the output to eliminate most
peaking. The gain resistor (RG) can then be chosen to make
up for any gain loss which may be created by this additional
resistor at the output. In many cases it is also possible to
simply increase the value of the feedback resistor (RF) to
reduce the peaking.
Current Limiting
The EL2480 has no internal current-limiting circuitry. If any
output is shorted, it is possible to exceed the Absolute
Maximum Ratings for output current or power dissipation,
potentially resulting in the destruction of the device.
Power Dissipation
With the high output drive capability of the EL2480, it is
possible to exceed the 150°C Absolute Maximum junction
temperature under certain very high load current conditions.
Generally speaking, when RL falls below about 25Ω, it is
important to calculate the maximum junction temperature
(TJMAX) for the application to determine if power-supply
voltages, load conditions, or package type need to be
modified for the EL2480 to remain in the safe operating area.
These parameters are calculated as follows:
where:
TMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1 amplifier
VOUTMAX = Maximum output voltage of the application
RL = Load resistance
T
JMAX
T
MAX
Θ
JA
nPD
MAX
×
×
()
+
=
PD
MAX
2
(
V
S
I
SMAX )
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
EL2480


Similar Part No. - EL2480CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2480CS-T13 ELANTEC-EL2480CS-T13 Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS-T13 INTERSIL-EL2480CS-T13 Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480CS-T13 RENESAS-EL2480CS-T13 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
More results

Similar Description - EL2480CS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com