Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2480CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2480CS
Description  250MHz/3mA Current Mode Feedback Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2480CS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2480CS Datasheet HTML 4Page - Intersil Corporation EL2480CS Datasheet HTML 5Page - Intersil Corporation EL2480CS Datasheet HTML 6Page - Intersil Corporation EL2480CS Datasheet HTML 7Page - Intersil Corporation EL2480CS Datasheet HTML 8Page - Intersil Corporation EL2480CS Datasheet HTML 9Page - Intersil Corporation EL2480CS Datasheet HTML 10Page - Intersil Corporation EL2480CS Datasheet HTML 11Page - Intersil Corporation EL2480CS Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Typical Performance Curves (Continued)
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Settling Time vs
Settling Accuracy
Small-Signal Step Response
Large-Signal Step Response
Channel Separation
vs Frequency
1.420W
θJA=88°C/W
SO14
1.8
1.6
1.4
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
1
1.2
1.042W
θJA=120°C/W
SO14
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
EL2480


Similar Part No. - EL2480CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2480CS ELANTEC-EL2480CS Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480CS RENESAS-EL2480CS Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Elantec Semiconductor
EL2480CS-T13 ELANTEC-EL2480CS-T13 Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS-T13 INTERSIL-EL2480CS-T13 Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2480CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com