Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

191308 Datasheet(PDF) 1 Page - Adels-Contact

Part # 191308
Description  500 BZ/ 8
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

191308 Datasheet(HTML) 1 Page - Adels-Contact

  191308 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03/02/2020
Screw Connectors
500 BZ/ 8
Marking Strip, 8 pole, Insulating Material: PS
Order Info
Reference Number (ref. no.)
191308
PU
250
Type
Type
Marking Strip
Number of poles
8 pole
Colour
white
Technical Data
Insulating Material
PS
max. Ambient Temperature Operation
70 °C


Similar Part No. - 191308

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913086 PHOENIX-1913086 Datasheet
121Kb / 8P
   Printed-circuit board connector - MVSTBW 2,5 HC/ 4-STF-5,08
09/12/2020
More results

Similar Description - 191308

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
191312 ADELS-191312 Datasheet
136Kb / 1P
   500 BZ/12
191307 ADELS-191307 Datasheet
133Kb / 1P
   500 BZ/ 7
191305 ADELS-191305 Datasheet
132Kb / 1P
   500 BZ/ 5
191306 ADELS-191306 Datasheet
132Kb / 1P
   500 BZ/ 6
191310 ADELS-191310 Datasheet
135Kb / 1P
   500 BZ/ 10
191302 ADELS-191302 Datasheet
130Kb / 1P
   500 BZ/ 2
191311 ADELS-191311 Datasheet
136Kb / 1P
   500 BZ/ 11
191309 ADELS-191309 Datasheet
135Kb / 1P
   500 BZ/ 9
191304 ADELS-191304 Datasheet
131Kb / 1P
   500 BZ/ 4
191303 ADELS-191303 Datasheet
131Kb / 1P
   500 BZ/ 3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com