Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5146118 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5146118
Description  Magazine - P1 UC-MAG 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5146118 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5146118 Datasheet HTML 1Page - PHOENIX CONTACT 5146118 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/5146118
28.10.2013   Page 1 / 2
Magazine - P1 UC-MAG 5 - 5146118
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Magazine, for CMS-P1-PLOTTER, for accommodating UC1-TM..., UC1U-TM...
The figure shows a similar product
Product Features
 We offer a variety of different magazines for marking materials
 Option of partial labeling
 Rugged plastic magazines for labeling all standard marking materials
 In terms of its size, the magazine utilizes the plotter capacity to the full
 When used in conjunction with the CMS-P1-PLOTTER, up to 35% more material can be processed per labeling operation compared to the previous
model
 Marking sheets that have already been started can also be used
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
360.0 GRM
Custom tariff number
90179000
Country of origin
Germany
Technical data
General
Color
gray
Classifications
eCl@ss
eCl@ss 4.0
24010402
eCl@ss 4.1
24010402
eCl@ss 5.0
19029102
eCl@ss 5.1
19029102
eCl@ss 6.0
19140290


Similar Part No. - 5146118

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146105 PHOENIX-5146105 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 4
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 6
5146147 PHOENIX-5146147 Datasheet
77Kb / 3P
   THERMOMARK W2
Feb 10, 2011
5146147 PHOENIX-5146147 Datasheet
449Kb / 14P
   WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results

Similar Description - 5146118

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146082 PHOENIX-5146082 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 2
5146095 PHOENIX-5146095 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 3
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 6
5146105 PHOENIX-5146105 Datasheet
44Kb / 2P
   Magazine - P1 UC-MAG 4
5144770 PHOENIX-5144770 Datasheet
47Kb / 2P
   Magazine insert - CMS-P1-M/WAGO WSB 5
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
5144767 PHOENIX-5144767 Datasheet
47Kb / 2P
   Magazine insert - CMS-P1-M/WAGO WMB
09/12/2020
0803335 PHOENIX-0803335 Datasheet
42Kb / 1P
   Magazine - BLUEMARK MAG UM-TM
0802743 PHOENIX-0802743 Datasheet
48Kb / 2P
   Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
0802740 PHOENIX-0802740 Datasheet
48Kb / 2P
   Magazine - BLUEMARK MAG EM-M (60X30)
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com