Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2411CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2411CS
Description  Low Cost, Dual, Triple and Quad Video Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2411CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2411CS Datasheet HTML 3Page - Intersil Corporation EL2411CS Datasheet HTML 4Page - Intersil Corporation EL2411CS Datasheet HTML 5Page - Intersil Corporation EL2411CS Datasheet HTML 6Page - Intersil Corporation EL2411CS Datasheet HTML 7Page - Intersil Corporation EL2411CS Datasheet HTML 8Page - Intersil Corporation EL2411CS Datasheet HTML 9Page - Intersil Corporation EL2411CS Datasheet HTML 10Page - Intersil Corporation EL2411CS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
expected ambient temperature of 85°C, the total allowable
power dissipation for the SO8 package would be:
At 12V total supply voltage each amplifier draws a maximum
of 10mA and dissipates 12V * 10mA = 120mW or 240mW for
the dual amplifier. Which leaves 121mW of increased power
due to the load. If the load were 150
Ω connected to the most
negative voltage and the maximum voltage out were VS-
+1V the load current would be 6.67mA. Then an extra
146mW ((12V - 1V) * 6.67mA * 2) would be dissipated in the
EL2210 or EL2211. The total dual amplifier power
dissipation would be 146mW + 240mW = 386mW, more than
the maximum 361mW allowed. If the total supply difference
were reduced to 10V, the same calculations would yield
200mW quiescent power dissipation and 120mW due to
loading. This results in a die temperature of 143°C (85°C +
58°C).
In the above example, if the supplies were split ±6V and the
150
Ω loads were connected to ground, the load induced
power dissipation would drop to 66.7mW (6.67mA * (6 - 1) *
2) and the die temperature would be below the rated
maximum.
Video Performance
Following industry standard practices (see EL2044
applications section) these six devices exhibit good
differential gain (dG) and good differential phase (dP) with
±5V supplies and an external 820
Ω resistor to the negative
supply, in a gain of 2 configuration. Driving 75
Ω back
terminated cables to standard video levels (1.428V at the
amplifier) the EL2210, EL2310, and EL2410 have dG of
0.1% and dP of 0.2°. The EL2211, EL2311, and EL2411
have dG of 0.04% and dP of 0.15°.
Due to the negative swing limitations described above,
inverted video at a gain of 2 is just not practical. If swings
below ground are required then changing the extra 820
resistor to 500
Ω will allow reasonable dG and dP to
approximately -0.75mV. The EL2211, EL2311, and EL2411
will achieve approximately 0.1%/0.4° between 0V and
-0.75V. Beyond -0.75V dG and dP get worse by orders of
magnitude.
Differential gain and differential phase are fairly constant for
all loads above 150
Ω. Differential phase performance will
improve by a factor of 3 if the supply voltage is increased to
±6V.
Output Drive Capability
None of these devices have short circuit protection. Each
output is capable of more than 100mA into a shorted output.
Care must be used in the design to limit the output current
with a series resistor.
Printed-Circuit Layout
The EL2210/EL2211/EL2310/EL2311/ EL2410/EL2411 are
well behaved, and easy to apply in most applications.
However, a few simple techniques will help assure rapid,
high quality results. As with any high-frequency device, good
PCB layout is necessary for optimum performance. Ground-
plane construction is highly recommended, as is good power
supply bypassing. A 0.1µF ceramic capacitor is
recommended for bypassing both supplies. Lead lengths
should be as short as possible, and bypass capacitors
should be as close to the device pins as possible. For good
AC performance, parasitic capacitances should be kept to a
minimum at both inputs and at the output. Resistor values
should be kept under 5k
Ω because of the RC time constants
associated with the parasitic capacitance. Metal-film and
carbon resistors are both acceptable, use of wire-wound
resistors is not recommended because of their parasitic
inductance. Similarly, capacitors should be low-inductance
for best performance.
P
D
150
85
160
°C/W
-------------------------
361mW
=
=
EL2210/11, EL2310/11, EL2410/11


Similar Part No. - EL2411CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2411CS ELANTEC-EL2411CS Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2411CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com