Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2311CN Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2311CN
Description  Low Cost, Dual, Triple and Quad Video Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2311CN Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2311CN Datasheet HTML 2Page - Intersil Corporation EL2311CN Datasheet HTML 3Page - Intersil Corporation EL2311CN Datasheet HTML 4Page - Intersil Corporation EL2311CN Datasheet HTML 5Page - Intersil Corporation EL2311CN Datasheet HTML 6Page - Intersil Corporation EL2311CN Datasheet HTML 7Page - Intersil Corporation EL2311CN Datasheet HTML 8Page - Intersil Corporation EL2311CN Datasheet HTML 9Page - Intersil Corporation EL2311CN Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Typical Performance Curves
Application Information
Product Description
The EL2210, EL2310, and EL2410 are dual, triple, and quad
operational amplifiers stable at a gain of 1. The EL2211,
EL2311, and EL2411 are dual, triple, and quad operational
amplifiers stable at a gain of 2. All six are built on Elantec's
proprietary complimentary process and share the same
voltage mode feedback topology. This topology allows them
to be used in a variety of applications where current mode
feedback amplifiers are not appropriate because of
restrictions placed on the feedback elements. These
products are especially designed for applications where high
bandwidth and good video performance characteristics are
desired but the higher cost of more flexible and sophisticated
products are prohibitive.
Power Supplies
These amplifiers are designed to work at a supply voltage
difference of 10V to 12V. These amplifiers will work on any
combination of ± supplies. All electrical characteristics are
measured with ±5V supplies. Below 9V total supply voltage
the amplifiers’ performance will degrade dramatically. The
quiescent current is a direct function of total supply voltage.
With a total supply voltage of 12V the quiescent supply
current will increase from a typical 6.8mA per amplifier to
10mA per amplifier.
Output Swing vs Load
Please refer to the simplified block diagram. These amplifiers
provide an NPN pull-up transistor output and a passive
1250
Ω pull-down resistor to the most negative supply. In an
application where the load is connected to VS- the output
voltage can swing to within 200mV of VS-. In split supply
applications where the DC load is connected to ground the
negative swing is limited by the voltage divider formed by the
load, the internal 1250
Ω resistor and any external pull-down
resistor. If RL were 150Ω then it and the 1250Ω internal
resistor limit the maximum negative swing to
Or--0.53V
The negative swing can be increased by adding an external
resistor of appropriate value from the output to the negative
supply. The simplified block diagram shows an 820
external pull-down resistor. This resistor is in parallel with the
internal 1250
Ω resistor. This will increase the negative swing
to
Or -1.16V
Power Dissipation and Loading
Without any load and a 10V supply difference the power
dissipation is 70mW per amplifier. At 12V supply difference
this increases to 105mW per amplifier. At 12V this translates
to a junction temperature rise above ambient of 33°C for the
dual and 40°C for the quad amplifier. When the amplifiers
provide load current the power dissipation can rapidly rise.
In ±5V operation each output can drive a grounded 150
load to more than 2V. This operating condition will not
exceed the maximum junction temperature limit as long as
the ambient temperature is below 85°C, the device is
soldered in place, and the extra pull-down resistor is 820or
more.
If the load is connected to the most negative voltage (ground
in single supply operation) you can easily exceed the
absolute maximum die temperature. For example the
maximum die temperature should be 150°C. At a maximum
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
85
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
1.8
1.6
1.4
1.2
0.8
0.4
0
0
255075
100
125
150
85
1
0.6
0.2
Ambient Temperature (°C)
Ambient Temperature (°C)
1.042W
781W
θ
JA=120°C/W
SO8
SO14
θ
JA=160°C/W
1.54W
1.25W
θ
JA=81°C/W
PDIP8
PDIP14
θ
JA=100°C/W
V
EE
150
1250
150
+
-----------------------------
=
V
EE
150
1250
820
×
1250
820
+
-----------------------------
÷
150
+
=
EL2210/11, EL2310/11, EL2410/11


Similar Part No. - EL2311CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2311CN ELANTEC-EL2311CN Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2311CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com