Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2360CN Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2360CN
Description  Triple 130MHz Current Feedback Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2360CN Datasheet(HTML) 4 Page - Intersil Corporation

  EL2360CN Datasheet HTML 1Page - Intersil Corporation EL2360CN Datasheet HTML 2Page - Intersil Corporation EL2360CN Datasheet HTML 3Page - Intersil Corporation EL2360CN Datasheet HTML 4Page - Intersil Corporation EL2360CN Datasheet HTML 5Page - Intersil Corporation EL2360CN Datasheet HTML 6Page - Intersil Corporation EL2360CN Datasheet HTML 7Page - Intersil Corporation EL2360CN Datasheet HTML 8Page - Intersil Corporation EL2360CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Typical Performance Curves
Non-Inverting Frequency
Response (Gain)
Non-Inverting Frequency
Response (Phase)
Frequency Response
for Various RL
Inverting Frequency
Response (Gain)
Inverting Frequency
Response (Phase)
Frequency Response for
Various RF and RG
3dB Bandwidth vs Supply
Voltage for AV = -1
Peaking vs Supply Voltage
for AV = -1
3dB Bandwidth vs
Temperature for AV = - 1
EL2360


Similar Part No. - EL2360CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360CN ELANTEC-EL2360CN Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
More results

Similar Description - EL2360CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com