Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2344CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2344CS
Description  Triple Low-Power 60MHz Unity-Gain Stable Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2344CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2344CS Datasheet HTML 4Page - Intersil Corporation EL2344CS Datasheet HTML 5Page - Intersil Corporation EL2344CS Datasheet HTML 6Page - Intersil Corporation EL2344CS Datasheet HTML 7Page - Intersil Corporation EL2344CS Datasheet HTML 8Page - Intersil Corporation EL2344CS Datasheet HTML 9Page - Intersil Corporation EL2344CS Datasheet HTML 10Page - Intersil Corporation EL2344CS Datasheet HTML 11Page - Intersil Corporation EL2344CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
an excellent choice for applications such as fast log
amplifiers.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2344, it is possible to exceed the 150°C
maximum junction temperatures under certain load and
power-supply conditions. It is therefore important to calculate
the maximum junction temperature (TJmax) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL2344 to remain in the safe operating area. These
parameters are related as follows:
TJMAX = TMAX + (θJA* (PDmaxtotal))
where PDmaxtotal is the sum of the maximum power
dissipation of each amplifier in the package (PDmax).
PDmax for each amplifier can be calculated as follows:
PDmax = (2*VS*ISMAX+(VS-VOUTMAX)*(VOUTMAX/RL))
where:
•TMAX = Maximum Ambient Temperature
θ
JA = Thermal Resistance of the Package
•PDMAX = Maximum Power Dissipation of 1 Amplifier
•VS = Supply Voltage
•ISMAX = Maximum Supply Current of 1 Amplifier
•VOUTMAX = Maximum Output Voltage Swing of the
Application
•RL = Load Resistance
To serve as a guide for the user, we can calculate maximum
allowable supply voltages for the example of the video cable-
driver below since we know that TJMAX = 150°C,
TMAX =75°C, ISMAX = 7.6mA, and the package θJAs are
shown in Table 1. If we assume (for this example) that we are
driving a back-terminated video cable, then the maximum
average value (over duty-cycle) of VOUTMAX is 1.4V, and
RL = 150Ω, giving the results seen in Table 1.
Single-Supply Operation
The EL2344 has been designed to have a wide input and
output voltage range. This design also makes the EL2344 an
excellent choice for single-supply operation. Using a single
positive supply, the lower input voltage range is within
100mV of ground (RL =500Ω), and the lower output voltage
range is within 300mV of ground. Upper input voltage range
reaches 4.2V, and output voltage range reaches 3.8V with a
5V supply and RL = 500Ω. This results in a 3.5V output
swing on a single 5V supply. This wide output voltage range
also allows single-supply operation with a supply voltage as
high as 36V or as low as 2.5V. On a single 2.5V supply, the
EL2344 still has 1V of output swing.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL2344 has a gain-bandwidth product of 60MHz while
using only 5.2mA of supply current per amplifier. For gains
greater than 4, their closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains less than 4, higher-
order poles in the amplifiers’ transfer function contribute to
even higher closed loop bandwidths. For example, the
EL2344 has a -3dB bandwidth of 120MHz at a gain of +1,
dropping to 60MHz at a gain of +2. It is important to note that
the EL2344 has been designed so that this “extra” bandwidth
in low-gain applications does not come at the expense of
stability. As seen in the typical performance curves, the
EL2344 in a gain of +1 only exhibits 1.0dB of peaking with a
1000
Ω load.
Video Performance
An industry-standard method of measuring the video
distortion of components such as the EL2344 is to measure
the amount of differential gain (dG) and differential phase
(dP) that they introduce. To make these measurements, a
0.286VPP (40IRE) signal is applied to the device with 0V DC
offset (0IRE) at either 3.58MHz for NTSC or 4.43MHz for
PAL. A second measurement is then made at 0.714V DC
offset (100IRE). Differential gain is a measure of the change
in amplitude of the sine wave, and is measured in percent.
Differential phase is a measure of the change in phase, and
is measured in degrees.
For signal transmission and distribution, a back-terminated
cable (75
Ω in series at the drive end, and 75Ω to ground at
the receiving end) is preferred since the impedance match at
both ends will absorb any reflections. However, when double
termination is used, the received signal is halved; therefore a
gain of 2 configuration is typically used to compensate for
the attenuation.
The EL2344 has been designed as an economical solution
for applications requiring low video distortion. It has been
thoroughly characterized for video performance in the
topology described above, and the results have been
included as typical dG and dP specifications and as typical
performance curves. In a gain of +2, driving 150
Ω, with
standard video test levels at the input, the EL2344 exhibits
dG and dP of only 0.04% and 0.15° at NTSC and PAL.
Because dG and dP can vary with different DC offsets, the
video performance of the EL2344 has been characterized
over the entire DC offset range from -0.714V to +0.714V. For
more information, refer to the curves of dG and dP vs DC
Input Offset.
TABLE 1
PACKAGE
ΘJA
MAX PDISS
@ TMAX
MAX
VS
EL2344CN
PDIP14
70°C/W
1.071W @ 75°C
±11.5V
EL2344CS
SO14
110°C/W
0.682W @ 75°C
±7.5V
EL2344


Similar Part No. - EL2344CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2310CN ELANTEC-EL2310CN Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2310CN INTERSIL-EL2310CN Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Elantec Semiconductor
EL2310CS ELANTEC-EL2310CS Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2310CS INTERSIL-EL2310CS Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Elantec Semiconductor
EL2311CN ELANTEC-EL2311CN Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2344CS

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com